Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC78622NE Arkusz danych(PDF) 20 Page - Sanyo Semicon Device

Numer części LC78622NE
Szczegółowy opis  Compact Disc Player DSP
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC78622NE Arkusz danych(HTML) 20 Page - Sanyo Semicon Device

Back Button LC78622NE Datasheet HTML 16Page - Sanyo Semicon Device LC78622NE Datasheet HTML 17Page - Sanyo Semicon Device LC78622NE Datasheet HTML 18Page - Sanyo Semicon Device LC78622NE Datasheet HTML 19Page - Sanyo Semicon Device LC78622NE Datasheet HTML 20Page - Sanyo Semicon Device LC78622NE Datasheet HTML 21Page - Sanyo Semicon Device LC78622NE Datasheet HTML 22Page - Sanyo Semicon Device LC78622NE Datasheet HTML 23Page - Sanyo Semicon Device LC78622NE Datasheet HTML 24Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 31 page
background image
No. 6015-20/31
LC78622NE
Audio output level = 20 log
[dB]
For example, the formula below calculates the time required for the attenuation level to increase from 00H to EEH
when a 4STEP UP command is executed. Note that the control microprocessor must provide enough of a time
margin for this operation to complete before issuing the next attenuation level set command.
≈ 21.6 ms
Note: Setting the attenuation level to values of EFH or higher is disallowed to prevent overflows in one-bit D/A
converter calculations from causing noise.
14. Mute Output; Pin 35: MUTEL/CONT7, pin 42: MUTER/CONT8
15. C2 Flag Output; Pin 30: C2F
C2F output flag information in 8-bit units.
16. Digital Output Circuit; Pin 31: DOUT
This is an output pin for use with a digital audio interface. Data is output in the EIAJ format. This signal has been
processed by the interpolation and muting circuits. This pin has a built-in driver circuit and can directly drive a
transformer.
• The DOUT pin can be locked at the low level by issuing a DOUT OFF command.
• The UBIT information in the DOUT data can be locked at zero by issuing a UBIT OFF command.
• The DOUT data can be switched to data for which interpolation and muting processing have not been performed
by issuing a CD-ROM XA command.
• When searching and when returning the pickup to its initial position, there are cases when the frequency output
data will contain a parity error and locking is lost temporarily. To prevent this, we recommend directly executing a
UBIT OFF ($41) command and then directly executing a UBIT ON ($40) command when searching and when
returning the pickup to its initial position.
17. Mute Control Circuit
Inputting the above command mutes the audio level (MUTE -
∞ dB). Since zero-cross muting is used, there is very
little noise associated with this operation. The IC defines zero cross to be the ranges where the upper 7 bits of the
data are all zeros or all ones. Note that the MUTE -12 dB instruction supported by the LC78620E has been removed
from this product.
238 level
× 4STEP UP
44.1 kHz
ATT DATA
100H
MSB
LSB
Command
RES = low
0 1 0 0 0 0 1 0
DOUT ON
q
q
0 1 0 0 0 0 1 1
DOUT OFF
0 1 0 0 0 0 0 0
UBIT ON
q
q
0 1 0 0 0 0 0 1
UBIT OFF
1 0 0 0 1 0 0 0
CDROM-XA
1 0 0 0 1 0 1 1
ROMXA-RST
q
q
MSB
LSB
Command
RES = low
0 0 0 0 0 0 0 1
MUTE: 0 dB
0 0 0 0 0 0 1 1
MUTE: –
∞ dB
q
q


Podobny numer części - LC78622NE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
More results

Podobny opis - LC78622NE

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LC78622E SANYO-LC78622E Datasheet
379Kb / 29P
   Compact Disc Player DSP
LC78624E SANYO-LC78624E Datasheet
358Kb / 27P
   Compact Disc Player DSP
LC78621E SANYO-LC78621E Datasheet
418Kb / 34P
   Compact Disc Player DSP
LC78620E SANYO-LC78620E Datasheet
478Kb / 34P
   Compact Disc Player DSP
LC78625E SANYO-LC78625E Datasheet
440Kb / 35P
   Compact Disc Player DSP
LC78605E SANYO-LC78605E Datasheet
89Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78602NE SANYO-LC78602NE Datasheet
177Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78601E SANYO-LC78601E Datasheet
146Kb / 11P
   Compact Disc Player DSP with Built-in Microcontroller
LC78628E SANYO-LC78628E Datasheet
241Kb / 40P
   Compact Disc Player DSP with Built-in HDCD Decoder
LC78630E SANYO-LC78630E Datasheet
433Kb / 33P
   Compact Disk Player DSP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com