Zakładka z wyszukiwarką danych komponentów |
|
ADS5527IRGZTG4 Arkusz danych(PDF) 5 Page - Texas Instruments |
|
ADS5527IRGZTG4 Arkusz danych(HTML) 5 Page - Texas Instruments |
5 / 49 page www.ti.com ELECTRICAL CHARACTERISTICS ADS5527 SLWS196 – DECEMBER 2006 Typical values are at 25 °C, min and max values are across the full temperature range T MIN = –40°C to TMAX = 85°C, AVDD = DRVDD = 3.3 V, sampling rate = 210 MSPS, sine wave input clock, 1.5 V PP differential clock amplitude, 50% clock duty cycle, –1 dBFS differential analog input, internal reference mode, 0-db gain, DDR LVDS data output (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT AC CHARACTERISTICS FIN = 20 MHz 70.7 FIN = 70 MHz 68 70.5 FIN = 100 MHz 70.3 FIN = 170 MHz 69.5 0 dB gain, 2 VPP FS(1) 69.4 SNR Signal to noise ratio FIN = 230 MHz dBFS 3 dB gain, 1.4 VPP FS 68 0 dB gain, 2 VPP FS 68.5 FIN = 300 MHz 3 dB gain, 1.4 VPP FS 67.4 0 dB gain, 2 VPP FS 67.3 FIN = 400 MHz 3 dB gain, 1.4 VPP FS 66.4 RMS output noise Inputs tied to common-mode 0.35 LSB FIN = 20 MHz 86 FIN = 70 MHz 75 84 FIN = 100 MHz 78 FIN = 170 MHz 79 0 dB gain, 2 VPP FS 75 SFDR Spurious free dynamic range FIN = 230 MHz dBc 3 dB gain, 1.4 VPP FS 78 0 dB gain, 2 VPP FS 74 FIN = 300 MHz 3 dB gain, 1.4 VPP FS 76 0 dB gain, 2 VPP FS 68 FIN = 400 MHz 3 dB gain, 1.4 VPP FS 70 FIN = 20 MHz 70.5 FIN = 70 MHz 67.5 70.2 FIN = 100 MHz 69.3 FIN = 170 MHz 68.0 FIN = 230 MHz 0 dB gain, 2 VPP FS 67.4 SINAD Signal to noise and distortion ratio dBFS 3 dB gain, 1.4 VPP FS 67.1 0 dB gain, 2 VPP FS 66.4 FIN = 300 MHz 3 dB gain, 1.4 VPP FS 66.3 0 dB gain, 2 VPP FS 63.5 FIN = 400 MHz 3 dB gain, 1.4 VPP FS 65.0 FIN = 20 MHz 91 FIN = 70 MHz 75 88 FIN = 100 MHz 87 FIN = 170 MHz 87 FIN = 230 MHz 0 dB gain, 2 VPP FS 86 HD2 Second harmonic dBc 3 dB gain, 1.4 VPP FS 88 0 dB gain, 2 VPP FS 78 FIN = 300 MHz 3 dB gain, 1.4 VPP FS 80 0 dB gain, 2 VPP FS 69 FIN = 400 MHz 3 dB gain, 1.4 VPP FS 71 (1) FS = Full scale range 5 Submit Documentation Feedback |
Podobny numer części - ADS5527IRGZTG4 |
|
Podobny opis - ADS5527IRGZTG4 |