Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14LC5447 Arkusz danych(PDF) 11 Page - Motorola, Inc

Numer części MC14LC5447
Szczegółowy opis  Calling Line Identification (CLID) Receiver with Ring Detector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14LC5447 Arkusz danych(HTML) 11 Page - Motorola, Inc

Back Button MC14LC5447 Datasheet HTML 4Page - Motorola, Inc MC14LC5447 Datasheet HTML 5Page - Motorola, Inc MC14LC5447 Datasheet HTML 6Page - Motorola, Inc MC14LC5447 Datasheet HTML 7Page - Motorola, Inc MC14LC5447 Datasheet HTML 8Page - Motorola, Inc MC14LC5447 Datasheet HTML 9Page - Motorola, Inc MC14LC5447 Datasheet HTML 10Page - Motorola, Inc MC14LC5447 Datasheet HTML 11Page - Motorola, Inc MC14LC5447 Datasheet HTML 12Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
MC14LC5447
MOTOROLA
11
PACKAGE DIMENSIONS
P SUFFIX
PLASTIC DIP
CASE 648–08
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION L TO CENTER OF LEADS WHEN
FORMED PARALLEL.
4. DIMENSION B DOES NOT INCLUDE MOLD FLASH.
5. ROUNDED CORNERS OPTIONAL.
–A–
B
F
C
S
H
G
D
J
L
M
16 PL
SEATING
18
9
16
K
PLANE
–T–
M
A
M
0.25 (0.010)
T
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.740
0.770
18.80
19.55
B
0.250
0.270
6.35
6.85
C
0.145
0.175
3.69
4.44
D
0.015
0.021
0.39
0.53
F
0.040
0.70
1.02
1.77
G
0.100 BSC
2.54 BSC
H
0.050 BSC
1.27 BSC
J
0.008
0.015
0.21
0.38
K
0.110
0.130
2.80
3.30
L
0.295
0.305
7.50
7.74
M
0
10
0
10
S
0.020
0.040
0.51
1.01
_
_
_
_
DW SUFFIX
SOG PACKAGE
CASE 751G–02
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
10.15
10.45
0.400
0.411
B
7.40
7.60
0.292
0.299
C
2.35
2.65
0.093
0.104
D
0.35
0.49
0.014
0.019
F
0.50
0.90
0.020
0.035
G
1.27 BSC
0.050 BSC
J
0.25
0.32
0.010
0.012
K
0.10
0.25
0.004
0.009
M
0
7
0
7
P
10.05
10.55
0.395
0.415
R
0.25
0.75
0.010
0.029
M
B
M
0.010 (0.25)
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. DIMENSION D DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR
PROTRUSION SHALL BE 0.13 (0.005) TOTAL IN
EXCESS OF D DIMENSION AT MAXIMUM
MATERIAL CONDITION.
–A–
–B–
P
8X
G
14X
D
16X
SEATING
PLANE
–T–
S
A
M
0.010 (0.25)
B S
T
16
9
8
1
F
J
R X 45
_
__
__
M
C
K
AR
CH
IVE
D B
Y F
RE
ES
CA
LE
SE
MI
CO
ND
UC
TO
R,
INC
.


Podobny numer części - MC14LC5447

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Freescale Semiconductor...
MC14LC5480 FREESCALE-MC14LC5480 Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480DW FREESCALE-MC14LC5480DW Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480P FREESCALE-MC14LC5480P Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
MC14LC5480SD FREESCALE-MC14LC5480SD Datasheet
1Mb / 24P
   5 V PCM Codec-Filter
More results

Podobny opis - MC14LC5447

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC145447 MOTOROLA-MC145447 Datasheet
309Kb / 6P
   CALLING LINE IDENTIFICATION(CLID) RECEIVER WITH RING DETECTOR
logo
Holtek Semiconductor In...
HT9032C HOLTEK-HT9032C_16 Datasheet
114Kb / 11P
   Calling Line Identification Receiver
HT9032 HOLTEK-HT9032 Datasheet
222Kb / 10P
   Calling Line Identification Receiver
HT9030 HOLTEK-HT9030 Datasheet
250Kb / 6P
   Calling line identification receiver
HT9032C HOLTEK-HT9032C Datasheet
191Kb / 14P
   Calling Line Identification Receiver
logo
Nippon Precision Circui...
SM8220 NPC-SM8220 Datasheet
82Kb / 8P
   Calling Number Identification Receiver IC
logo
Integrated Circuit Syst...
ICS1660 ICST-ICS1660 Datasheet
108Kb / 7P
   Incoming Call Line Identification (ICLID) Receiver with Ring Detection
logo
IXYS Corporation
AN-118 IXYS-AN-118 Datasheet
118Kb / 3P
   Detecting Line Polarity Reversal Associated with BT Calling Line Identification Protocol
logo
Zarlink Semiconductor I...
MT88E39 ZARLINK-MT88E39 Datasheet
257Kb / 16P
   Calling Number Identification Circuit
logo
Mitel Networks Corporat...
MT88E39 MITEL-MT88E39 Datasheet
98Kb / 14P
   CMOS Calling Number Identification Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com