Zakładka z wyszukiwarką danych komponentów |
|
ISL12028IBAZ Arkusz danych(PDF) 5 Page - Intersil Corporation |
|
ISL12028IBAZ Arkusz danych(HTML) 5 Page - Intersil Corporation |
5 / 28 page 5 FN8233.5 October 18, 2006 IRQ/FOUT, OUTPUT VOH Output High Voltage VDD = 5.5V IOL = -1.0mA VDD x 0.7 V VDD = 2.7V IOL = -0.4mA VDD x 0.7 V Electrical Specifications (Continued) SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNIT NOTES Watchdog Timer/Low Voltage Reset Parameters SYMBOL PARAMETER CONDITIONS MIN TYP (Note 5) MAX UNITS NOTES tRPD VDD Detect to RESET LOW 500 ns 9 tPURST Power Up Reset Time-Out Delay 100 250 400 ms VRVALID Minimum VDD for Valid RESET Output 1.0 V VRESET ISL12028-4.5A Reset Voltage Level 4.59 4.64 4.69 V ISL12028 Reset Voltage Level 4.33 4.38 4.43 V ISL12028-3 Reset Voltage Level 3.04 3.09 3.14 V ISL12028-2.7A Reset Voltage Level 2.87 2.92 2.97 V ISL12028-2.7 Reset Voltage Level 2.58 2.63 2.68 V tWDO Watchdog Timer Period 32.768kHz crystal between X1 and X2 1.70 1.75 1.801 s 725 750 775 ms 225 250 275 ms tRST Watchdog Timer Reset Time-Out Delay 32.768kHz crystal between X1 and X2 225 250 275 ms tRSP I2C Interface Minimum Restart Time 1.2 µs EEPROM SPECIFICATIONS EEPROM Endurance >2,000,000 Cycles EEPROM Retention Temperature ≤ +75°C 50 Years Serial Interface (I2C) Specifications SYMBOL PARAMETER CONDITIONS MIN TYP MAX UNITS NOTES VIL SDA, and SCL Input Buffer LOW Voltage SBIB = 1 (Under VDD mode) -0.3 0.3 x VDD V VIH SDA, and SCL Input Buffer HIGH Voltage SBIB = 1 (Under VDD mode) 0.7 x VDD VDD + 0.3 V Hysteresis SDA and SCL Input Buffer Hysteresis SBIB = 1 (Under VDD mode) 0.05 x VDD V VOL SDA Output Buffer LOW Voltage IOL = 4mA 0 0.4 V ILI Input Leakage Current on SCL VIN = 5.5V 0.1 10 µA ILO I/O Leakage Current on SDA VIN = 5.5V 0.1 10 µA TIMING CHARACTERISTICS fSCL SCL Frequency 400 kHz ISL12028 |
Podobny numer części - ISL12028IBAZ |
|
Podobny opis - ISL12028IBAZ |