Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA208B-500E Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BTA208B-500E
Szczegółowy opis  Three quadrant triacs guaranteed commutation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA208B-500E Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BTA208B-500E Datasheet HTML 1Page - NXP Semiconductors BTA208B-500E Datasheet HTML 2Page - NXP Semiconductors BTA208B-500E Datasheet HTML 3Page - NXP Semiconductors BTA208B-500E Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Philips Semiconductors
Product specification
Three quadrant triacs
BTA208 series B
high commutation
Fig.7. Normalised gate trigger current
I
GT(Tj)/ IGT(25˚C), versus junction temperature Tj.
Fig.8. Normalised latching current I
L(Tj)/ IL(25˚C),
versus junction temperature T
j.
Fig.9. Normalised holding current I
H(Tj)/ IH(25˚C),
versus junction temperature T
j.
Fig.10. Typical and maximum on-state characteristic.
Fig.11. Transient thermal impedance Z
th j-mb, versus
pulse width t
p.
Fig.12. Typical, critical rate of change of commutating
current, dI
com/dt versus junction temperature.
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
BTA212
Tj / C
T2+ G+
T2+ G-
T2- G-
IGT(Tj)
IGT(25 C)
0
0.5
1
1.5
2
2.5
3
0
5
10
15
20
25
BT137
VT / V
IT / A
Tj = 125 C
Tj = 25 C
typ
max
Vo = 1.264 V
Rs = 0.0378 Ohms
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IL(Tj)
IL(25 C)
10us
0.1ms
1ms
10ms
0.1s
1s
10s
0.01
0.1
1
10
BT137
tp / s
Zth j-mb (K/W)
t
p
P
t
D
bidirectional
unidirectional
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
3
TRIAC
Tj / C
IH(Tj)
IH(25C)
20
40
60
80
100
120
140
1
10
100
1000
BTA208
Tj / C
dIcom/dt (A/ms)
September 1997
4
Rev 1.200


Podobny numer części - BTA208B-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA208B-500E PHILIPS-BTA208B-500E Datasheet
26Kb / 4P
   Three quadrant triacs guaranteed commutation
September 1997 Rev 1.000
More results

Podobny opis - BTA208B-500E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA208 PHILIPS-BTA208 Datasheet
18Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
BTA216 PHILIPS-BTA216 Datasheet
43Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.100
BTA208SD PHILIPS-BTA208SD Datasheet
50Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
BTA208X PHILIPS-BTA208X Datasheet
49Kb / 7P
   Three quadrant triacs guaranteed commutation
October 1999
BTA212 PHILIPS-BTA212 Datasheet
44Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1997 Rev 1.000
BTA204XD PHILIPS-BTA204XD Datasheet
53Kb / 7P
   Three quadrant triacs guaranteed commutation
December 1998 Rev 1.000
BTA216BD PHILIPS-BTA216BD Datasheet
49Kb / 6P
   Three quadrant triacs guaranteed commutation
February 2000 Rev 1.000
logo
WeEn Semiconductors
BTA216-600D WEEN-BTA216-600D Datasheet
404Kb / 8P
   Three quadrant triacs guaranteed commutation
logo
NXP Semiconductors
BTA216X PHILIPS-BTA216X Datasheet
48Kb / 5P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.000
BTA208S PHILIPS-BTA208S Datasheet
22Kb / 4P
   Three quadrant triacs guaranteed commutation
October 1999 Rev 1.200
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com