Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KM641003A-20 Arkusz danych(PDF) 1 Page - Samsung semiconductor

Numer części KM641003A-20
Szczegółowy opis  256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out Operated at Commercial and Industrial Temperature Range
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAMSUNG [Samsung semiconductor]
Strona internetowa  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM641003A-20 Arkusz danych(HTML) 1 Page - Samsung semiconductor

  KM641003A-20 Datasheet HTML 1Page - Samsung semiconductor KM641003A-20 Datasheet HTML 2Page - Samsung semiconductor KM641003A-20 Datasheet HTML 3Page - Samsung semiconductor KM641003A-20 Datasheet HTML 4Page - Samsung semiconductor KM641003A-20 Datasheet HTML 5Page - Samsung semiconductor KM641003A-20 Datasheet HTML 6Page - Samsung semiconductor KM641003A-20 Datasheet HTML 7Page - Samsung semiconductor KM641003A-20 Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
KM641003A
CMOS SRAM
PRELIMINARY
Rev 4.0
- 1 -
February 1998
Document Title
256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out.
Operated at Commercial and Industrial Temperature Range.
Revision History
The attached data sheets are prepared and approved by SAMSUNG Electronics. SAMSUNG Electronics CO., LTD. reserve the right
to change the specifications. SAMSUNG Electronics will evaluate and reply to your requests and questions on the parameters of this
device. If you have any questions, please contact the SAMSUNG branch office near your office, call or contact Headquarters.
Rev.No.
Rev. 0.0
Rev. 1.0
Rev. 2.0
Rev. 3.0
Rev. 4.0
Remark
Preliminary
Final
Final
Final
Final
History
Initial release with Preliminary.
Release to final Data Sheet.
1.1. Delete Preliminary
Update D.C parameters.
2.1. Update D.C parameters.
Add Industrial Temperature Range parts.
3.1. Add Industrial Temperature Range parts with the same parame-
ters as Commercial Temperature Range parts.
3.1.1. Add KM641003AI parts for Industrial Temperature Range.
3.1.2. Add ordering information.
3.1.3. Add the condition for operating at Industrial Temp. Range.
3.2. Add the test condition for Voh1 with Vcc=5V
±5% at 25°C
3.3. Add timing diagram to define tWP as
″(Timing Wave Form of
Write Cycle(CS=Controlled)
4.1. Delete Industrial Temperature Range Part
4.2. Delete TSOP2 Package
4.3. Delete 17ns Part
Items
Previous spec.
(12/15/17/20ns part)
Updated spec.
(12/15/17/20ns part)
Icc
200/190/180/170mA
150/145/145/140mA
Isb
30mA
25mA
Isb1
10mA
8mA
Draft Data
Apr. 22th, 1995
Feb. 29th, 1996
Jul. 16th, 1996
Jun. 2nd, 1997
Feb. 25th, 1998


Podobny numer części - KM641003A-20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM641003B SAMSUNG-KM641003B Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B-10 SAMSUNG-KM641003B-10 Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B-12 SAMSUNG-KM641003B-12 Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003B-8 SAMSUNG-KM641003B-8 Datasheet
130Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
KM641003C SAMSUNG-KM641003C Datasheet
127Kb / 8P
   256Kx4 Bit (with OE) High-Speed CMOS Static RAM(5.0V Operating)
More results

Podobny opis - KM641003A-20

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Samsung semiconductor
KM681002B SAMSUNG-KM681002B Datasheet
171Kb / 8P
   128Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
KM684002 SAMSUNG-KM684002 Datasheet
149Kb / 9P
   512Kx8 Bit High Speed Static RAM(5V Operating), Revolutionary Pin out. Operated at Commercial, Extended and Industrial Temperature Range.
K6R1004C1A SAMSUNG-K6R1004C1A Datasheet
127Kb / 8P
   256Kx4 High Speed Static RAM(5V Operating), Revolutionary Pin out
KM681002A SAMSUNG-KM681002A Datasheet
171Kb / 9P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Range.
K6R1008V1B SAMSUNG-K6R1008V1B Datasheet
184Kb / 9P
   128Kx8 Bit High Speed Static RAM(3.3V Operating), Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges
K6R1008C1A- SAMSUNG-K6R1008C1A- Datasheet
168Kb / 8P
   128Kx8 High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
KM641001A SAMSUNG-KM641001A Datasheet
127Kb / 8P
   256Kx 4 High Speed Static RAM(5V Operating), Evolutionary Pin Out Operated at Commercial Temperature Range
KM68257C SAMSUNG-KM68257C Datasheet
190Kb / 10P
   32Kx8 Bit High Speed Static RAM(5V Operating(, Evolutionary Pin out. Operated at Commercial Temperature Range.
K6R1008C1B- SAMSUNG-K6R1008C1B- Datasheet
169Kb / 8P
   128Kx8 Bit High Speed Static RAM5V Operating, Revolutionary Pin out. Operated at Commercial and Industrial Temperature Ranges.
K6R1004C1B SAMSUNG-K6R1004C1B Datasheet
128Kb / 8P
   256Kx4 Bit (with OE) High Speed Static RAM(5.0V Operating), Revolutionary Pin out
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com