Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC55NEM208AFTV70 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TC55NEM208AFTV70
Szczegółowy opis  524,288-WORD BY 8-BIT STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC55NEM208AFTV70 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TC55NEM208AFTV70 Datasheet HTML 1Page - Toshiba Semiconductor TC55NEM208AFTV70 Datasheet HTML 2Page - Toshiba Semiconductor TC55NEM208AFTV70 Datasheet HTML 3Page - Toshiba Semiconductor TC55NEM208AFTV70 Datasheet HTML 4Page - Toshiba Semiconductor TC55NEM208AFTV70 Datasheet HTML 5Page - Toshiba Semiconductor TC55NEM208AFTV70 Datasheet HTML 6Page - Toshiba Semiconductor TC55NEM208AFTV70 Datasheet HTML 7Page - Toshiba Semiconductor TC55NEM208AFTV70 Datasheet HTML 8Page - Toshiba Semiconductor TC55NEM208AFTV70 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC55NEM208AFPV/AFTV55,70
2002-10-31
5/11
AC CHARACTERISTICS AND OPERATING CONDITIONS (Ta = −40° to 85°C, VDD=2.7 to 5.5 V)
READ CYCLE
TC55NEM208AFPV/AFTV
55
70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tRC
Read Cycle Time
70
85
tACC
Address Access Time
70
85
tCO
Chip Enable Access Time
70
85
tOE
Output Enable Access Time
35
45
tCOE
Chip Enable Low to Output Active
5
5
tOEE
Output Enable Low to Output Active
0
0
tOD
Chip Enable High to Output High-Z
30
35
tODO
Output Enable High to Output High-Z
30
35
tOH
Output Data Hold Time
10
10
ns
WRITE CYCLE
TC55NEM208AFPV/AFTV
55
70
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
UNIT
tWC
Write Cycle Time
70
85
tWP
Write Pulse Width
50
55
tCW
Chip Enable to End of Write
55
60
tAS
Address Setup Time
0
0
tWR
Write Recovery Time
0
0
tODW
R/W Low to Output High-Z
30
35
tOEW
R/W High to Output Active
0
0
tDS
Data Setup Time
30
35
tDH
Data Hold Time
0
0
ns
AC TEST CONDITIONS
PARAMETER
TEST CONDITION
Output load
100 pF (Include Jig)
Input pulse level
0.2 V, VDD 0.2 V
Timing measurements
1.5 V
Reference level
1.5 V
tR, tF
5 ns


Podobny numer części - TC55NEM208AFTV70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC55NEM208AFTN TOSHIBA-TC55NEM208AFTN Datasheet
107Kb / 10P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM208AFTN55 TOSHIBA-TC55NEM208AFTN55 Datasheet
107Kb / 10P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55NEM208AFTN70 TOSHIBA-TC55NEM208AFTN70 Datasheet
107Kb / 10P
   TENTATIVE TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results

Podobny opis - TC55NEM208AFTV70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TC55V4000ST-70 TOSHIBA-TC55V4000ST-70 Datasheet
169Kb / 10P
   524,288-WORD BY 8-BIT STATIC RAM
TC55V040AFT-55 TOSHIBA-TC55V040AFT-55 Datasheet
105Kb / 11P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55VCM208ASTN40 TOSHIBA-TC55VCM208ASTN40 Datasheet
111Kb / 12P
   524,288-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800FT-55 TOSHIBA-TC55W800FT-55 Datasheet
188Kb / 13P
   524,288-WORD BY 16-BIT/1,048,576-WORD BY 8-BIT FULL CMOS STATIC RAM
TC55W800XB7 TOSHIBA-TC55W800XB7 Datasheet
200Kb / 12P
   524,288-WORD BY 16-BIT FULL CMOS STATIC RAM
TC518512PL-70LV TOSHIBA-TC518512PL-70LV Datasheet
561Kb / 11P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC518512PI TOSHIBA-TC518512PI Datasheet
213Kb / 8P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC51V8512AF TOSHIBA-TC51V8512AF Datasheet
444Kb / 9P
   524,288 WORD x 8 BIT CMOS PSEUDO STATIC RAM
TC55V1001FI TOSHIBA-TC55V1001FI Datasheet
557Kb / 13P
   131,072 WORD BY 8 BIT STATIC RAM
TC55V2001FI TOSHIBA-TC55V2001FI Datasheet
562Kb / 13P
   262,144-WORD BY 8-BIT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com