Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC703BH-BI Arkusz danych(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DAC703BH-BI
Szczegółowy opis  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC703BH-BI Arkusz danych(HTML) 3 Page - Burr-Brown (TI)

  DAC703BH-BI Datasheet HTML 1Page - Burr-Brown (TI) DAC703BH-BI Datasheet HTML 2Page - Burr-Brown (TI) DAC703BH-BI Datasheet HTML 3Page - Burr-Brown (TI) DAC703BH-BI Datasheet HTML 4Page - Burr-Brown (TI) DAC703BH-BI Datasheet HTML 5Page - Burr-Brown (TI) DAC703BH-BI Datasheet HTML 6Page - Burr-Brown (TI) DAC703BH-BI Datasheet HTML 7Page - Burr-Brown (TI) DAC703BH-BI Datasheet HTML 8Page - Burr-Brown (TI) DAC703BH-BI Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
®
DAC701, 702, 703
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes no
responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change without notice.
No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant any BURR-BROWN
product for use in life support devices and/or systems.
DAC702/703J
DAC701/702/703K
DAC701/702/703B, S
DAC701/702/703L, C
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
REFERENCE VOLTAGE
Voltage
+6.3
+6.0
+6.3
+6.6
+6.24
+6.3
+6.36
TT
T
V
Source Current Available
for External Loads
+2.5
+1.5
TT
T
T
T
mA
Temperature Coefficient
±10
T
±25
T
±15
TT
ppm/
°C
Short Circuit to Common
Duration
Indefinite
TT
T
POWER SUPPLY REQUIREMENTS
Voltage: +VCC
13.5
15
16.5
T
TTT
TT
T
T
T
V
–VCC
13.5
15
16.5
T
TTT
TT
T
T
T
V
VDD
+4.5
+5
+16.5
T
TTT
TT
T
T
T
V
Current (No Load):
DAC702
(IOUT Models)
+VCC
+10
+25
TT
TT
T
T
mA
–VCC
–13
–25
TT
TT
T
T
mA
VDD
+4
+8
TT
TT
T
T
mA
DAC701/703
(VOUT Models)
+VCC
+16
+30
TT
TT
T
T
mA
–VCC
–18
–30
TT
TT
T
T
mA
VDD
+4
+8
TT
TT
T
T
mA
Power Dissipation:
(VDD = +5.0V)(11)
DAC702
365
T
790
T
630
TT
mW
DAC701/703
530
T
940
T
780
TT
mW
Power Supply Rejection:
+VCC
±0.0015 ±0.006
TT
T
±0.003
TT
% of FSR/%VCC
–VCC
±0.0015 ±0.006
TT
T
±0.003
TT
% of FSR/%VCC
VDD
±0.0001 ±0.001
TT
TT
T
T
% of FSR/%VDD
TEMPERATURE RANGE
Specification:
B, C Grades
–25
+85
TT
°C
S Grades
–55
+125
°C
J, K, L Grades
0
+70
TT
0
+70
°C
Storage: Ceramic
–60
+150
TT
T
T
°C
Plastic, SOIC
–60
+100
TT
°C
T Specification same as model to the left.
NOTES: (1) Digital inputs are TTL, LSTTL, 54/74C, 54/74HC, and 54/74HTC compatible over the operating voltage range of VDD = +5V to +15V and over the specified
temperature range. The input switching threshold remains at the TTL threshold of 1.4V over the supply range of VDD = +5V to +15V. As logic “0” and logic “1” inputs vary over
0V to +0.8V and +2.4V to +10V respectively, the change in the D/A converter output voltage will not exceed
±0.0015% of FSR for the LH and CH grades, ±0.003% of FSR for
the BH grade and
±0.006% of FSR for the KG grade. (2) DAC702 (current-output models) is specified and tested with an external output operational amplifier connected using
the internal feedback resistor in all parameters except settling time. (3) FSR means full-scale range and is 20V for the
±10V range (DAC703), 10V for the 0 to +10V range
(DAC701). FSR is 2mA for the
±1mA range (DAC702). (4) ±0.0015% of full-scale range is equivalent to 1LSB in 15-bit resolution. ±0.003% of full-scale range is equivalent to
1LSB in 14-bit resolution.
±0.006% of full-scale range is equivalent to 1LSB in 13-bit resolution. (5) Adjustable to zero with external trim potentiometer. Adjusting the gain
potentiometer rotates the transfer function around the zero point. (6) Error at input code FFFFH for DAC701, 7FFFH for DAC702 and DAC703. (7) With gain and zero errors
adjusted to zero at +25
°C. (8) Maximum represents the 3σ limit. Not 100% tested for this parameter. (9) At the major carry, 7FFF
H to 8000H and 8000H to 7FFFH. (10) Tolerance
on output impedance and output current is
±30%. (11) Power dissipation is an additional 40mW when V
DD is operated at +15V.
SPECIFICATIONS (CONT)
At +25
°C and rated power supplies, unless otherwise noted.


Podobny numer części - DAC703BH-BI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC703BH TI-DAC703BH Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Podobny opis - DAC703BH-BI

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com