Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC701BH Arkusz danych(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DAC701BH
Szczegółowy opis  Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC701BH Arkusz danych(HTML) 10 Page - Burr-Brown (TI)

Back Button DAC701BH Datasheet HTML 4Page - Burr-Brown (TI) DAC701BH Datasheet HTML 5Page - Burr-Brown (TI) DAC701BH Datasheet HTML 6Page - Burr-Brown (TI) DAC701BH Datasheet HTML 7Page - Burr-Brown (TI) DAC701BH Datasheet HTML 8Page - Burr-Brown (TI) DAC701BH Datasheet HTML 9Page - Burr-Brown (TI) DAC701BH Datasheet HTML 10Page - Burr-Brown (TI) DAC701BH Datasheet HTML 11Page - Burr-Brown (TI) DAC701BH Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
®
DAC701, 702, 703
APPLICATIONS
DRIVING AN EXTERNAL OP AMP
WITH CURRENT OUTPUT D/AS
DAC702 is current output devices and will drive the sum-
ming junction of an op amp to produce an output voltage as
shown in Figure 9. Use of the internal feedback resistor is
required to obtain specified gain accuracy and low gain drift.
DAC702 can be scaled for any desired voltage range with an
external feedback resistor, but at the expense of increased
drifts of up to
±50ppm/°C. The resistors in the DAC702 ratio
track to
±1ppm/°C but their absolute TCR may be as high as
±50ppm/°C.
An alternative method of scaling the output voltage of the
D/A converter and preserving the low gain drift is shown in
Figure 10.
OUTPUTS LARGER THAN 20V RANGE
For output voltage ranges larger than
±10V, a high voltage
op amp may be employed with an external feedback resistor.
Use I
OUT values of ±1mA for bipolar voltage ranges and
–2mA for unipolar voltage ranges (see Figure 11). Use
protection diodes as shown when a high voltage op amp is
used.
Common
I
OUT
V
OUT
R
F
5k
4k
0 to
2mA
FIGURE 9. External Op Amp Using Internal Feedback
Resistors.
I
OUT
V
OUT
R
F
5k
4k
0 to
2mA
R
1
I
*
R
2 *
Common
R
1
*, R
2 TCR < ±10ppm/°C
FIGURE 10. External Op Amp Using Internal and External
Feedback Resistors to Maintain Low Gain Drift.
FIGURE 11. External Op Amp Using External Feedback
Resistors.
V
OUT
R
F
4k
0 to
2mA
BB3584
R
F


Podobny numer części - DAC701BH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC701BH TI-DAC701BH Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
More results

Podobny opis - DAC701BH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
PCM54 BURR-BROWN-PCM54 Datasheet
83Kb / 7P
   16-Bit Monolithic DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC703KU TI-DAC703KU Datasheet
279Kb / 11P
[Old version datasheet]   Monolithic 16-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC80 BURR-BROWN-DAC80 Datasheet
211Kb / 9P
   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Texas Instruments
DAC80P TI-DAC80P Datasheet
190Kb / 10P
[Old version datasheet]   Monolithic 12-Bit DIGITAL-TO-ANALOG CONVERTERS
logo
Burr-Brown (TI)
DAC70 BURR-BROWN-DAC70 Datasheet
481Kb / 10P
   Monlithic 16-bit digital-to-analog converters
logo
Texas Instruments
DAC707KH TI-DAC707KH Datasheet
121Kb / 13P
[Old version datasheet]   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Maxim Integrated Produc...
MAX1167BE MAXIM-MAX1167BE Datasheet
348Kb / 30P
   Multichannel, 16-Bit, 200ksps Analog-to-Digital Converters
Rev 1; 10/09
logo
List of Unclassifed Man...
DAC-HP ETC-DAC-HP Datasheet
136Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
logo
Burr-Brown (TI)
DAC707 BURR-BROWN-DAC707 Datasheet
149Kb / 11P
   Microprocessor-Compatible 16-BIT DIGITAL-TO-ANALOG CONVERTERS
logo
Murata Power Solutions ...
DAC-HP16BGC MURATA-PS-DAC-HP16BGC Datasheet
139Kb / 4P
   16-Bit, High-Performance Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com