Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU2532AW Arkusz danych(PDF) 3 Page - NXP Semiconductors

Numer części BU2532AW
Szczegółowy opis  Silicon Diffused Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU2532AW Arkusz danych(HTML) 3 Page - NXP Semiconductors

  BU2532AW Datasheet HTML 1Page - NXP Semiconductors BU2532AW Datasheet HTML 2Page - NXP Semiconductors BU2532AW Datasheet HTML 3Page - NXP Semiconductors BU2532AW Datasheet HTML 4Page - NXP Semiconductors BU2532AW Datasheet HTML 5Page - NXP Semiconductors BU2532AW Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Philips Semiconductors
Initial specification
Silicon Diffused Power Transistor
BU2532AW
Fig.1. Switching times waveforms.
Fig.2. Switching times definitions.
Fig.3. Switching times test circuit.
Fig.4. High and low DC current gain. h
FE = f (IC)
V
CE = 1 V
Fig.5. High and low DC current gain. h
FE = f (IC)
V
CE = 5 V
Fig.6. Typical collector-emitter saturation voltage.
V
CEsat = f (IC); parameter IC/IB
IC
IB
VCE
I
IBend
12.2us
5us
3.5us
t
t
t
TRANSISTOR
DIODE
Csat
0.01
0.1
1
10
100
1
10
100
hFE
BU2530/2AL
IC / A
VCE = 1 V
Tj = 85 C
Tj = 25 C
ICsat
90 %
10 %
tf
ts
IBend
IC
IB
t
t
- IBM
0.01
0.1
1
10
100
1
10
100
hFE
BU2530/2AL
IC / A
VCE = 5 V
Tj = 85 C
Tj = 25 C
+ 150 v nominal
adjust for ICsat
Lc
Cfb
T.U.T.
LB
IBend
-VBB
0.1
1
10
100
0.01
0.1
1
10
VCEsat / V
BU2530/2AL
IC / A
IC/IB = 10
IC/IB = 5
Tj = 85 C
Tj = 25 C
September 1997
3
Rev 1.000


Podobny numer części - BU2532AW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
BU2532AW ISC-BU2532AW Datasheet
199Kb / 2P
   High Switching Speed
logo
List of Unclassifed Man...
BU2532AW ETC2-BU2532AW Datasheet
2Mb / 31P
   SEMICONDUCTORS
More results

Podobny opis - BU2532AW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com