Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL520NS Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRL520NS
Szczegółowy opis  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRL520NS Arkusz danych(HTML) 4 Page - International Rectifier

  IRL520NS Datasheet HTML 1Page - International Rectifier IRL520NS Datasheet HTML 2Page - International Rectifier IRL520NS Datasheet HTML 3Page - International Rectifier IRL520NS Datasheet HTML 4Page - International Rectifier IRL520NS Datasheet HTML 5Page - International Rectifier IRL520NS Datasheet HTML 6Page - International Rectifier IRL520NS Datasheet HTML 7Page - International Rectifier IRL520NS Datasheet HTML 8Page - International Rectifier IRL520NS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRL520NS/L
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
200
400
600
800
1
1 0
100
DS
V
, D rain-to-S ourc e V oltage (V )
A
V
= 0V ,
f = 1 M H z
C
= C
+ C
, C
S H O R TE D
C
= C
C
= C
+ C
GS
iss
g s
g d
d s
rs s
g d
o ss
ds
g d
C iss
C oss
Crss
0
3
6
9
12
15
0
5
10
15
20
25
Q
, T ota l G ate C h a rg e (nC )
G
V
= 80 V
V
= 50 V
V
= 20 V
A
F O R TE S T CIR C U IT
S E E F IG U R E 1 3
I
= 6.0 A
D
DS
DS
DS
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 25 °C
J
V
= 0 V
GS
V
, Source-to -D rain Voltag e (V )
SD
A
T = 175°C
J
0.1
1
10
100
1
1 0
100
1000
V
, D ra in-to-S o u rce V o lta ge (V )
DS
O P E R A T IO N IN T H IS A R E A L IM ITE D
B Y R DS (on)
10µ s
100µ s
1m s
10 m s
A
T
= 25 °C
T
= 17 5°C
Sing le P u ls e
C
J


Podobny numer części - IRL520NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL520NS IRF-IRL520NS Datasheet
197Kb / 11P
   Logic-Level Gate Drive
logo
Inchange Semiconductor ...
IRL520NS ISC-IRL520NS Datasheet
188Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRL520NSPBF IRF-IRL520NSPBF Datasheet
398Kb / 10P
   Logic-Level Gate Drive
IRL520NSPBF IRF-IRL520NSPBF Datasheet
407Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
IRL520NSPBF IRF-IRL520NSPBF_15 Datasheet
407Kb / 11P
   ADVANCED PROCESS TECHNOLOGY
More results

Podobny opis - IRL520NS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com