Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST72F340S2T6 Arkusz danych(PDF) 6 Page - STMicroelectronics

Numer części ST72F340S2T6
Szczegółowy opis  8-BIT MCU WITH UP TO 16K FLASH MEMORY, 10-BIT ADC, TWO 16-BIT TIMERS, TWO I2C, SPI, SCI
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F340S2T6 Arkusz danych(HTML) 6 Page - STMicroelectronics

Back Button ST72F340S2T6 Datasheet HTML 2Page - STMicroelectronics ST72F340S2T6 Datasheet HTML 3Page - STMicroelectronics ST72F340S2T6 Datasheet HTML 4Page - STMicroelectronics ST72F340S2T6 Datasheet HTML 5Page - STMicroelectronics ST72F340S2T6 Datasheet HTML 6Page - STMicroelectronics ST72F340S2T6 Datasheet HTML 7Page - STMicroelectronics ST72F340S2T6 Datasheet HTML 8Page - STMicroelectronics ST72F340S2T6 Datasheet HTML 9Page - STMicroelectronics ST72F340S2T6 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 191 page
background image
ST72340, ST72344, ST72345
6/191
2 PIN DESCRIPTION
Figure 2. LQFP32 Package Pinout
Figure 3. LQFP44 Package Pinout
32 31 30 29 28 27 26 25
24
23
22
21
20
19
18
17
9 1011 12 131415 16
1
2
3
4
5
6
7
8
ei1
ei3
ei0
OCMP1_A / AIN10 / PF4
ICAP1_A / (HS) PF6
EXTCLK_A / (HS) PF7
AIN12 / OCMP2_B / PC0
VDDA
VSSA
AIN8 / PF0
(HS) PF1
ICCSEL
PA7 (HS) / SCL
PA6 (HS) / SDA
PA4 (HS)
OSC1
OSC2
VSS_2
RESET
ei2
eix
associated external interrupt vector
(HS) 20mA high sink capability
ei0
44 43 42 41 40 39 38 37 36 35 34
33
32
31
30
29
28
27
26
25
24
23
12 13 14 15 16 17 18 19 20 21 22
1
2
3
4
5
6
7
8
9
10
11
ei2
ei3
ei0
ei1
PB3
(HS) PB4
AIN0 / PD0
AIN1 / PD1
AIN2 / PD2
AIN3 / PD3
AIN4 / PD4
RDI / PE1
PB0
PB1
PB2
PC6 / SCK / ICCCLK
PC5 / MOSI / AIN14
PC4 / MISO / ICCDATA
PC3 (HS) / ICAP1_B
PC2 (HS) / ICAP2_B
PC1 / OCMP1_B / AIN13
PC0 / OCMP2_B / AIN12
VSS_1
VDD_1
PA3 (HS)
PC7 / SS / AIN15
ei0


Podobny numer części - ST72F340S2T6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72F34X-SK/RAIS STMICROELECTRONICS-ST72F34X-SK/RAIS Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
More results

Podobny opis - ST72F340S2T6

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
ST72F262G2B5 STMICROELECTRONICS-ST72F262G2B5 Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72260G STMICROELECTRONICS-ST72260G Datasheet
2Mb / 171P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
August 2003 Rev. 1.7
ST72260GX STMICROELECTRONICS-ST72260GX Datasheet
1Mb / 172P
   8-BIT MCU WITH FLASH OR ROM MEMORY, ADC, TWO 16-BIT TIMERS, I2C, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J Datasheet
1,022Kb / 125P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72334J STMICROELECTRONICS-ST72334J_03 Datasheet
1Mb / 153P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, SCI INTERFACES
ST72321 STMICROELECTRONICS-ST72321 Datasheet
2Mb / 185P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C INTERFACE
August 2003 Rev. 1.9
ST72321J STMICROELECTRONICS-ST72321J Datasheet
2Mb / 179P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, 5 TIMERS, SPI, SCI, I2C INTERFACE
July 2003 Rev. 1.8
ST72104G STMICROELECTRONICS-ST72104G Datasheet
909Kb / 135P
   8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, ADC, 16-BIT TIMERS, SPI, I2C INTERFACES
February 2000 Rev. 2.2
ST72521M STMICROELECTRONICS-ST72521M Datasheet
105Kb / 11P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
ST72521 STMICROELECTRONICS-ST72521 Datasheet
2Mb / 211P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, FIVE TIMERS, SPI, SCI, I2C, CAN INTERFACE
August 2003 Rev. 1.9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com