Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KDD25-24S05 Arkusz danych(PDF) 1 Page - List of Unclassifed Manufacturers

Numer części KDD25-24S05
Szczegółowy opis  DC-DC CONVERTER 21.5 ~ 25W
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC2 [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC2 - List of Unclassifed Manufacturers

KDD25-24S05 Arkusz danych(HTML) 1 Page - List of Unclassifed Manufacturers

  KDD25-24S05 Datasheet HTML 1Page - List of Unclassifed Manufacturers KDD25-24S05 Datasheet HTML 2Page - List of Unclassifed Manufacturers KDD25-24S05 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC-DC CONVERTER
KDD25 SERIES
21.5 ~ 25W
CHINFA ELECTRONICS IND., CO. LTD.
ISO 9001 Certified
www.chinfa.com
sales@chinfa.com
KDD25 – 12 S 01
MODEL LIST
MODEL NO.
INPUT
VOLTAGE
OUTPUT
WATTAGE
OUTPUT
VOLTAGE
OUTPUT
CURRENT
EFF.
(MIN.) CASE
Single Output Models
KDD25 – 12S01
9~18 VDC
25 WATTS
+ 5 VDC
5000 mA 77%
B
KDD25 – 12S02
9~18 VDC
25 WATTS
+ 12 VDC
2100 mA 80%
B
KDD25 – 12S03
9~18 VDC
25 WATTS
+ 15 VDC
1700 mA 80%
B
KDD25 – 12S05
9~18 VDC
21.5 WATTS
+3.3 VDC
6500 mA 75%
B
KDD25 – 24S01
18~36 VDC
25 WATTS
+ 5 VDC
5000 mA 79%
B
KDD25 – 24S02
18~36 VDC
25 WATTS
+ 12 VDC
2100 mA 81%
B
KDD25 – 24S03
18~36 VDC
25 WATTS
+ 15 VDC
1700 mA 81%
B
KDD25 – 24S05
18~36 VDC
21.5 WATTS
+3.3 VDC
6500 mA 77%
B
KDD25 – 48S01
36~72 VDC
25 WATTS
+ 5 VDC
5000 mA 80%
B
KDD25 – 48S02
36~72 VDC
25 WATTS
+ 12 VDC
2100 mA 83%
B
KDD25 – 48S03
36~72 VDC
25 WATTS
+ 15 VDC
1700 mA 83%
B
KDD25 – 48S05
36~72 VDC
21.5 WATTS
+3.3 VDC
6500 mA 78%
B
Dual Output Models
KDD25 – 12D01
9~18 VDC
25 WATTS
± 5 VDC
+4700/-300 mA 77%
B
KDD25 – 12D02
9~18 VDC
25 WATTS
± 12 VDC
+1800/-300 mA 80%
B
KDD25 – 12D03
9~18 VDC
25 WATTS
± 15 VDC
+1400/-300 mA 80%
B
KDD25 – 24D01
18~36 VDC
25 WATTS
± 5 VDC
+4700/-300 mA 79%
B
KDD25 – 24D02
18~36 VDC
25 WATTS
± 12 VDC
+1800/-300 mA 81%
B
KDD25 – 24D03
18~36 VDC
25 WATTS
± 15 VDC
+1400/-300 mA 81%
B
KDD25 – 48D01
36~72 VDC
25 WATTS
± 5 VDC
+4700/-300 mA 80%
B
KDD25 – 48D02
36~72 VDC
25 WATTS
± 12 VDC
+1800/-300 mA 83%
B
KDD25 – 48D03
36~72 VDC
25 WATTS
± 15 VDC
+1400/-300 mA 83%
B
FEATURES
* 2:1 INPUT RANGE
* ISOLATION INPUT AND OUTPUT 1.5KV DC
* HIGH PERFORMANCE UP TO 84%
* SHORT CIRCUIT PROTECTION
* 2 YEARS WARRANTY
12 : 9~18V IN
24 : 18~36V IN
48
:36~72V IN
S : SINGLE OUTPUT
D : DUAL OUTPUT
WATTAGE
1: 5V OUT
2: 12V OUT
3: 15V OUT
5: 3.3V OUT


Podobny numer części - KDD25-24S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
KDD25-24T01 ETC-KDD25-24T01 Datasheet
147Kb / 3P
   DC-DC CONVERTER
KDD25-24T02 ETC-KDD25-24T02 Datasheet
147Kb / 3P
   DC-DC CONVERTER
KDD25-24T03 ETC-KDD25-24T03 Datasheet
147Kb / 3P
   DC-DC CONVERTER
More results

Podobny opis - KDD25-24S05

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
LH05-10B09E MORNSUN-LH05-10B09E Datasheet
462Kb / 5P
   25W, AC-DC CONVERTER
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
MORNSUN Science& Techno...
LHE25-20B03 MORNSUN-LHE25-20B03 Datasheet
1Mb / 5P
   25W, AC-DC converter
logo
Mean Well Enterprises C...
TKA30 MEANWELL-TKA30_11 Datasheet
202Kb / 1P
   25W DC-DC Triple Output Converter
TKA30 MEANWELL-TKA30 Datasheet
200Kb / 1P
   25W DC-DC Triple Output Converter
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com