Zakładka z wyszukiwarką danych komponentów |
|
2N2904JX Arkusz danych(PDF) 2 Page - Semicoa Semiconductor |
|
2N2904JX Arkusz danych(HTML) 2 Page - Semicoa Semiconductor |
2 / 2 page Copyright 2002 Semicoa Semiconductors, Inc. Rev. H 333 McCormick Avenue, Costa Mesa, California 92626 714.979.1900, FAX 714.557.4541 Page 2 of 2 www.SEMICOA.com 2N2904 Silicon PNP Transistor Data Sheet ELECTRICAL CHARACTERISTICS characteristics specified at TA = 25°C Off Characteristics Parameter Symbol Test Conditions Min Typ Max Units Collector-Emitter Breakdown Voltage V(BR)CEO IC = 10 mA 40 Volts Collector-Base Cutoff Current ICBO1 VCB = 60 Volts 10 µA Collector-Base Cutoff Current ICBO2 VCB = 50 Volts 20 nA Collector-Base Cutoff Current ICBO3 VCB = 50 Volts, TA = 150 OC 20 µA Collector-Emitter Cutoff Current ICES VCE = 40 Volts 1 µA Emitter-Base Cutoff Current IEBO1 VEB = 5 Volts 10 µA Emitter-Base Cutoff Current IEBO2 VEB = 3.5 Volts 50 nA On Characteristics Pulse Test: Pulse Width = 300 µs, Duty Cycle ≤ 2.0% Parameter Symbol Test Conditions Min Typ Max Units DC Current Gain hFE1 hFE2 hFE3 hFE4 hFE5 hFE6 IC = 0.1 mA, VCE = 10 Volts IC = 1.0 mA, VCE = 10 Volts IC = 10 mA, VCE = 10 Volts IC = 150 mA, VCE = 10 Volts IC = 500 mA, VCE = 10 Volts IC = 10 mA, VCE = 10 Volts TA = -55 OC 20 25 35 40 20 15 175 120 Base-Emitter Saturation Voltage VBEsat1 VBEsat2 IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA 1.3 2.6 Volts Collector-Emitter Saturation Voltage VCEsat1 VCEsat2 IC = 150 mA, IB = 15 mA IC = 500 mA, IB = 50 mA 0.4 1.6 Volts Dynamic Characteristics Parameter Symbol Test Conditions Min Typ Max Units Magnitude – Common Emitter, Short Circuit Forward Current Transfer Ratio |hFE| VCE = 20 Volts, IC = 50 mA, f = 100 MHz 2.0 Small Signal Short Circuit Forward Current Transfer Ratio hFE VCE = 10 Volts, IC = 1 mA, f = 1 kHz 25 Open Circuit Output Capacitance COBO VCB = 10 Volts, IC = 0 mA, 100 kHZ < f < 1 MHz 8 pF Open Circuit Input Capacitance CIBO VEB = 2.0 Volts, IE = 0 mA, 100 kHZ < f < 1 MHz 30 pF Switching Characteristics Saturated Turn-On Time ton 45 ns Saturated Turn-Off Time toff 300 ns |
Podobny numer części - 2N2904JX |
|
Podobny opis - 2N2904JX |