Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC13156FB Arkusz danych(PDF) 4 Page - Motorola, Inc

Numer części MC13156FB
Szczegółowy opis  Wideband FM IF System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC13156FB Arkusz danych(HTML) 4 Page - Motorola, Inc

  MC13156FB Datasheet HTML 1Page - Motorola, Inc MC13156FB Datasheet HTML 2Page - Motorola, Inc MC13156FB Datasheet HTML 3Page - Motorola, Inc MC13156FB Datasheet HTML 4Page - Motorola, Inc MC13156FB Datasheet HTML 5Page - Motorola, Inc MC13156FB Datasheet HTML 6Page - Motorola, Inc MC13156FB Datasheet HTML 7Page - Motorola, Inc MC13156FB Datasheet HTML 8Page - Motorola, Inc MC13156FB Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MC13156
4
MOTOROLA WIRELESS SEMICONDUCTOR
SOLUTIONS – RF AND IF DEVICE DATA
Pin, INPUT SIGNAL LEVEL (dBm)
–70
30
–65
40
4.0
–50
20.0
–90
25.0
1.0
6.5
Pin, IF INPUT SIGNAL LEVEL (dBm)
VEE, SUPPLY VOLTAGE (–Vdc)
Pin, IF INPUT SIGNAL LEVEL (dBm)
Pin, RF INPUT SIGNAL LEVEL (dBm)
Figure 2. Total Drain Current versus Supply
Voltage and Temperature
Figure 3. Drain Currents versus Supply Voltage
Figure 4. Mixer Gain versus Input Signal Level
Figure 5. IF Amplifier Gain versus Input
Signal Level and Ambient Temperature
Figure 6. IF Amplifier RSSI Output Current versus
Input Signal Level and Ambient Temperature
VEE, SUPPLY VOLTAGE (–Vdc)
Figure 7. Limiter Amplifier RSSI Output Current
versus Input Signal Level and Temperature
6.0
5.5
5.0
4.5
4.0
3.5
2.0
3.0
4.0
5.0
6.0
7.0
55
°C
25
°C
–10
°C
–40
°C
3.6
3.2
2.8
2.4
2.0
1.6
I22
1.0
2.0
3.0
4.0
5.0
6.0
7.0
TA = 25°C
22.5
20.0
17.5
15.0
12.5
10.0
–80
–70
–60
–50
–40
–30
–20
–10
38
36
34
32
30
28
26
–60
–55
–50
–45
–40
–35
–30
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0
–40
–30
–20
–10
0
10
5.0
0
–60
–50
–40
–30
–20
–10
0
10
25
20
15
10
TA = 85°C
VEE = –5.0 Vdc
f = 10.7 MHz
TA = 25°C
I19
–10
°C
–40
°C
55
°C
25
°C
–10
°C
–40
°C
85
°C
TA = 25° to 85°C
–40
°C
VEE = –5.0 Vdc
f = 10.7 MHz
–10
°C
VEE = – 5.0 Vdc
f = 10.7 MHz
TA = 25° to 85°C


Podobny numer części - MC13156FB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
MC13156FB LANSDALE-MC13156FB Datasheet
3Mb / 21P
   Wideband FM IF System
MC13156FB LANSDALE-MC13156FB Datasheet
2Mb / 21P
    Wideband FM IF System
More results

Podobny opis - MC13156FB

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LANSDALE Semiconductor ...
ML13156 LANSDALE-ML13156 Datasheet
3Mb / 21P
   Wideband FM IF System
ML13156 LANSDALE-ML13156_08 Datasheet
2Mb / 21P
    Wideband FM IF System
ML13155 LANSDALE-ML13155 Datasheet
1,018Kb / 16P
   Wideband FM IF
logo
Motorola, Inc
MC13155 MOTOROLA-MC13155 Datasheet
310Kb / 16P
   Wideband FM IF
logo
NXP Semiconductors
MC13155 NXP-MC13155 Datasheet
364Kb / 16P
   Wideband FM IF
Rev 1
logo
LANSDALE Semiconductor ...
ML13155 LANSDALE-ML13155_08 Datasheet
355Kb / 16P
   Wideband FM IF
logo
AUK corp
SL1018 AUK-SL1018_1 Datasheet
220Kb / 9P
   FM IF SYSTEM
logo
Toshiba Semiconductor
TA7761P TOSHIBA-TA7761P Datasheet
1,011Kb / 14P
   FM IF SYSTEM
logo
Rohm
BA4234 ROHM-BA4234 Datasheet
514Kb / 6P
   FM IF SYSTEM
logo
AUK corp
SL1018 AUK-SL1018 Datasheet
293Kb / 9P
   FM IF SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com