Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU4507DF Arkusz danych(PDF) 4 Page - NXP Semiconductors

Numer części BU4507DF
Szczegółowy opis  Silicon Diffused Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BU4507DF Arkusz danych(HTML) 4 Page - NXP Semiconductors

  BU4507DF Datasheet HTML 1Page - NXP Semiconductors BU4507DF Datasheet HTML 2Page - NXP Semiconductors BU4507DF Datasheet HTML 3Page - NXP Semiconductors BU4507DF Datasheet HTML 4Page - NXP Semiconductors BU4507DF Datasheet HTML 5Page - NXP Semiconductors BU4507DF Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Silicon Diffused Power Transistor
BU4507DF
Fig.7. Typical collector-emitter saturation voltage.
Fig.8. Typical base-emitter saturation voltage.
Fig.9. Typical collector storage and fall time.
I
C =4 A; Tj = 85˚C; f = 16kHz
Fig.10. Normalised power dissipation.
PD% = 100
⋅P
D/PD 25˚C
Fig.11. Transient thermal impedance.
0.1
1
10
100
0.01
0.1
1
10
Ths = 25 C
Ths = 85 C
IC/IB = 5
BU4507DF/X/Z
0
20
40
60
80
100
120
140
Ths / C
PD%
Normalised Power Derating
120
110
100
90
80
70
60
50
40
30
20
10
0
with heatsink compound
01
23
4
0.6
0.7
0.8
0.9
1
1.1
1.2
IB / A
VBESAT \ V
IC = 4 A
Ths = 25 C
Ths = 85 C
BU4507DF/X/Z
1.0E-07
1.0E-05
1.0E-03
1.0E-01
1.0E+01
0.001
0.01
0.1
1
10
0
0.2
0.1
0.05
0.02
0.5
BU4507AF
t / s
Zth K/W
D =
tp
tp
T
T
P
t
D
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
IB / A
ts/tf/ us
ICsat = 4 A
Ths = 85 C
Freq = 16 kHz
BU4507D ts/tf
January 1999
4
Rev 1.000


Podobny numer części - BU4507DF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BU4507DX PHILIPS-BU4507DX Datasheet
56Kb / 6P
   Silicon Diffused Power Transistor
January 1999 Rev 1.000
BU4507DZ PHILIPS-BU4507DZ Datasheet
54Kb / 6P
   Silicon Diffused Power Transistor
January 1999 Rev 1.000
More results

Podobny opis - BU4507DF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
   Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
July 1998-Rev 1.600
logo
Wing Shing Computer Com...
S2005A WINGS-S2005A Datasheet
95Kb / 1P
   SILICON DIFFUSED POWER TRANSISTOR
logo
NXP Semiconductors
BU2522DX PHILIPS-BU2522DX Datasheet
80Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2523DX PHILIPS-BU2523DX Datasheet
69Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2525AW PHILIPS-BU2525AW Datasheet
74Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.100
BU2525DF PHILIPS-BU2525DF Datasheet
71Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527AF PHILIPS-BU2527AF Datasheet
70Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DF PHILIPS-BU2527DF Datasheet
81Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2527DX PHILIPS-BU2527DX Datasheet
83Kb / 7P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
BU2530AL PHILIPS-BU2530AL Datasheet
65Kb / 6P
   Silicon Diffused Power Transistor
September 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com