Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

HCF4022BM1 Arkusz danych(PDF) 5 Page - STMicroelectronics

Numer części HCF4022BM1
Szczegółowy opis  OCTAL COUNTER WITH 8 DECODED OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4022BM1 Arkusz danych(HTML) 5 Page - STMicroelectronics

  HCF4022BM1 Datasheet HTML 1Page - STMicroelectronics HCF4022BM1 Datasheet HTML 2Page - STMicroelectronics HCF4022BM1 Datasheet HTML 3Page - STMicroelectronics HCF4022BM1 Datasheet HTML 4Page - STMicroelectronics HCF4022BM1 Datasheet HTML 5Page - STMicroelectronics HCF4022BM1 Datasheet HTML 6Page - STMicroelectronics HCF4022BM1 Datasheet HTML 7Page - STMicroelectronics HCF4022BM1 Datasheet HTML 8Page - STMicroelectronics HCF4022BM1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
HCF4022B
5/11
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25°C, CL = 50pF, RL = 200KΩ, tr = tf = 20 ns)
(*) Typical temperature coefficient for all VDD value is 0.3 %/°C.
(1) Measured with respect to carry out line.
Symbol
Parameter
Test Condition
Value (*)
Unit
VDD (V)
Min.
Typ.
Max.
CLOCKED OPERATION
tPLH tPHL Propagation Delay Time
(decode out)
5
325
650
ns
10
135
270
15
85
170
Propagation Delay Time
(carry out)
5
300
600
ns
10
125
250
15
80
160
tTHL tTLH Transition Time (carry out
or decoded out lines)
5
100
200
ns
10
50
100
15
40
80
fCL
(1)
Maximum Clock Input
Frequency
5
2.5
5
5
MHz
10
5
10
15
5.5
11
tW
Minimum Clock Pulse
Width
5
100
200
ns
10
45
90
15
30
60
tr , tf
Clock Input Rise or Fall
Time
5
unlimited
µs
10
15
tsetup
Data Setup Time Minimum
Clock Inhibit
5
115
230
ns
10
50
100
15
35
75
RESET OPERATION
tPLH, tPHL Propagation Delay Time
(carry out or decoded out
lines)
5
265
530
ns
10
115
230
15
85
170
tW
Minimum Reset Pulse
Width
5
130
260
ns
10
55
110
15
30
60
tREM
Minimum Reset Removal
Time
5
200
400
ns
10
140
280
15
75
150


Podobny numer części - HCF4022BM1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
HCF4022BM1 STMICROELECTRONICS-HCF4022BM1 Datasheet
281Kb / 12P
   COUNTERS/DIVIDERS
logo
List of Unclassifed Man...
HCF4022BM1 ETC1-HCF4022BM1 Datasheet
278Kb / 12P
   COUNTERS/DIVIDERS
More results

Podobny opis - HCF4022BM1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC Datasheet
77Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs . Divide-by-8 Counter/Divider with 8 Decoded Outputs
CD4017BC FAIRCHILD-CD4017BC_04 Datasheet
79Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
National Semiconductor ...
CD4017BM NSC-CD4017BM Datasheet
165Kb / 8P
   Decade Counter/Divider with 10 Decoded Outputs, Divide-by-8 Counter/Divider with 8 Decoded Outputs
logo
Fairchild Semiconductor
CD4017BC FAIRCHILD-CD4017BC_V01 Datasheet
81Kb / 7P
   Decade Counter/Divider with 10 Decoded Outputs • Divide-by-8 Counter/Divider with 8 Decoded Outputs
Revised January 2004
logo
STMicroelectronics
HCF4017B STMICROELECTRONICS-HCF4017B Datasheet
377Kb / 11P
   DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
Micro Electronics
MMC4017 MICRO-ELECTRONICS-MMC4017 Datasheet
160Kb / 6P
   COUNTER/ DIVIDERS : 4017 DECADE COUNTER WITH 10 DECODED OUTPUTS
logo
NXP Semiconductors
74HC4017 NXP-74HC4017 Datasheet
132Kb / 23P
   Johnson decade counter with 10 decoded outputs
Rev. 03-8 January 2008
logo
National Semiconductor ...
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
   Decade Counter/Divider with 10 Decoded Outputs
logo
Nexperia B.V. All right...
74HC4017-Q100 NEXPERIA-74HC4017-Q100 Datasheet
757Kb / 22P
   Johnson decade counter with 10 decoded outputs
logo
Texas Instruments
CD54HCT4017 TI-CD54HCT4017 Datasheet
122Kb / 9P
[Old version datasheet]   DECADE COUNTER/DIVIDER WITH TEN DECODED OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com