Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74GTLPH16927 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części SN74GTLPH16927
Szczegółowy opis  18-BIT LVTTL-TO-GTLP BUS TRANSCEIVER WITH SOURCE-SYNCHRONOUS CLOCK OUTPUTS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74GTLPH16927 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button SN74GTLPH16927 Datasheet HTML 4Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 5Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 6Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 7Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 8Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 9Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 10Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 11Page - Texas Instruments SN74GTLPH16927 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
SN74GTLPH16927
18-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
WITH SOURCE-SYNCHRONOUS CLOCK OUTPUTS
SCES413 – OCTOBER 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range for GTLP
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIK
VCC = 3.15 V,
II = –18 mA
–1.2
V
At
d
VCC = 3.15 V to 3.45 V,
IOH = –100 µA
VCC–0.2
VOH
A port and
CLKOUT
VCC = 3 15 V
IOH = –12 mA
2.4
V
CLKOUT
VCC = 3.15 V
IOH = –24 mA
2
At
d
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
A port and
CLKOUT
VCC = 3 15 V
IOL = 12 mA
0.4
CLKOUT
VCC = 3.15 V
IOL = 24 mA
0.5
VOL
VCC = 3.15 V to 3.45 V,
IOL = 100 µA
0.2
V
B port and SSCLK
IOL = 10 mA
0.2
B port and SSCLK
VCC = 3.15 V
IOL = 40 mA
0.4
IOL = 50 mA
0.55
II
SYSCLK and
control inputs
VCC = 3.45 V,
VI = 0 to 5.5 V
±10
µA
I
B port and SSCLK
VCC = 3.45 V, VREF within 0.6 V of VTT,
VO = 0 to 2.3 V
±10
µA
IOZ‡
CLKOUT
VCC = 3.45 V,
VO = 0 to 5.5 V
±10
µA
IOZH‡
A port
VCC = 3.45 V,
VO = VCC
10
µA
IOZL‡
A port
VCC = 3.45 V,
VO = GND
–10
µA
IBHL§
A port
VCC = 3.15 V,
VI = 0.8 V
75
µA
IBHH¶
A port
VCC = 3.15 V,
VI = 2 V
–75
µA
IBHLO#
A port
VCC = 3.45 V,
VI = 0 to VCC
500
µA
IBHHO||
A port
VCC = 3.45 V,
VI = 0 to VCC
–500
µA
At Bt
VCC = 3.45 V, IO = 0,
Outputs high
50
ICC
A port, B port, or
SSCLK
VCC = 3.45 V, IO = 0,
VI (A-port or control input) = VCC or GND,
Outputs low
50
mA
SSCLK
VI (B port) = VTT or GND
Outputs disabled
50
∆ICCk
VCC = 3.45 V, One A-port or control input at VCC – 0.6 V,
Other A-port or control inputs at VCC or GND
1.5
mA
Ci
SYSCLK inputs
VI = 3.15 V or 0
3.5
5
pF
Ci
Control inputs
VI = 3.15 V or 0
3.5
5.5
pF
Ci
A port
VO = 3.15 V or 0
7.5
10
pF
Cio
B port or SSCLK
VO = 1.5 V or 0
9
11
pF
Co
CLKOUT
VO = 3.15 V or 0
6
7.5
pF
† All typical values are at VCC = 3.3 V, TA = 25°C.
‡ For I/O ports, the parameter II includes the off-state output leakage current.
§ The bus-hold circuit can sink at least the minimum low sustaining current at VILmax. IBHL should be measured after lowering VIN to GND and
then raising it to VILmax.
¶ The bus-hold circuit can source at least the minimum high sustaining current at VIHmin. IBHH should be measured after raising VIN to VCC and
then lowering it to VIHmin.
# An external driver must source at least IBHLO to switch this node from low to high.
|| An external driver must sink at least IBHHO to switch this node from high to low.
k This is the increase in supply current for each input that is at the specified TTL voltage level, rather than V
CC or GND.


Podobny numer części - SN74GTLPH16927

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912GR TI-SN74GTLPH16912GR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912VR TI-SN74GTLPH16912VR Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912VR TI-SN74GTLPH16912VR Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
More results

Podobny opis - SN74GTLPH16927

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74GTLPH32916 TI1-SN74GTLPH32916 Datasheet
397Kb / 18P
[Old version datasheet]   34-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER WITH BUFFERED CLOCK OUTPUTS
SN74GTLPH16912 TI-SN74GTLPH16912 Datasheet
218Kb / 14P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16612 TI-SN74GTLPH16612 Datasheet
166Kb / 11P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
SN74GTLPH16912 TI-SN74GTLPH16912_07 Datasheet
324Kb / 18P
[Old version datasheet]   18-BIT LVTTL-TO-GTLP UNIVERSAL BUS TRANSCEIVER
logo
Fairchild Semiconductor
GTLP18T612 FAIRCHILD-GTLP18T612 Datasheet
74Kb / 9P
   18-Bit LVTTL/GTLP Universal Bus Transceiver
GTLP17T616 FAIRCHILD-GTLP17T616 Datasheet
93Kb / 10P
   17-Bit LVTTL/GTLP Bus Transceiver with Buffered Clock
logo
Texas Instruments
SN74GTLPH32945 TI-SN74GTLPH32945_07 Datasheet
422Kb / 17P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH306 TI1-SN74GTLPH306_15 Datasheet
589Kb / 17P
[Old version datasheet]   8-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH16945 TI-SN74GTLPH16945 Datasheet
214Kb / 13P
[Old version datasheet]   16-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
SN74GTLPH32945 TI-SN74GTLPH32945 Datasheet
282Kb / 15P
[Old version datasheet]   32-BIT LVTTL-TO-GTLP BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com