Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14582BD Arkusz danych(PDF) 1 Page - Motorola, Inc

Numer części MC14582BD
Szczegółowy opis  LOOK-AHEAD CARRY BLOCK
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14582BD Arkusz danych(HTML) 1 Page - Motorola, Inc

  MC14582BD Datasheet HTML 1Page - Motorola, Inc MC14582BD Datasheet HTML 2Page - Motorola, Inc MC14582BD Datasheet HTML 3Page - Motorola, Inc MC14582BD Datasheet HTML 4Page - Motorola, Inc MC14582BD Datasheet HTML 5Page - Motorola, Inc MC14582BD Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
1
MC14582B
Look-Ahead Carry Block
The MC14582B is a CMOS look–ahead carry generator capable of
anticipating a carry across four binary adders or groups of adders. The
device is cascadable to perform full look–ahead across n–bit adders. Carry,
generate–carry, and propagate–carry functions are provided as enumerated
in the pin designation table shown below.
• Expandable to any Number of Bits
• All Buffered Outputs
• Low Power Dissipation
• Diode Protection on All Inputs
• Supply Voltage Range = 3.0 Vdc to 18 Vdc
• Capable of Driving Two Low–power TTL Loads or One Low–Power
Schottky TTL Load over the Rated Temperature Range
MAXIMUM RATINGS* (Voltages Referenced to VSS)
Symbol
Parameter
Value
Unit
VDD
DC Supply Voltage
– 0.5 to + 18.0
V
Vin, Vout Input or Output Voltage (DC or Transient)
– 0.5 to VDD + 0.5
V
Iin, Iout
Input or Output Current (DC or Transient),
per Pin
± 10
mA
PD
Power Dissipation, per Package†
500
mW
Tstg
Storage Temperature
– 65 to + 150
_C
TL
Lead Temperature (8–Second Soldering)
260
_C
* Maximum Ratings are those values beyond which damage to the device may occur.
†Temperature Derating:
Plastic “P and D/DW” Packages: – 7.0 mW/
_C From 65_C To 125_C
Ceramic “L” Packages: – 12 mW/
_C From 100_C To 125_C
LOGIC EQUATIONS
Cn+x = G0 + (P0  Cn)
Cn+y = G1 + (P1  G0) + (P1  P0  Cn)
Cn+z = G2 + (P2  G1) + (P2  P1 G0) + (P2  P1  P0  Cn)
G = G3 + (P3
 G2) + (P3  P2  G1) + (P1  P2  P3  G0)
P = P3
 P2  P1  P0
PIN DESIGNATIONS
Designation
Pin No’s
Function
G0, G1, G2, G3
3, 1, 14, 5
Active–Low
Carry–Generate Inputs
P0, P1, P2, P3
4, 2, 15, 6
Active–Low
Carry–Propagate Inputs
Cn
13
Carry Input
Cn+x, Cn+y
Cn+z
12, 11, 9
Carry Outputs
G
10
Active–Low Group
Carry–Generate Output
P
7
Active–Low Group
Carry–Propagate Output
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
© Motorola, Inc. 1995
REV 3
1/94
MC14582B
L SUFFIX
CERAMIC
CASE 620
ORDERING INFORMATION
MC14XXXBCP
Plastic
MC14XXXBCL
Ceramic
MC14XXXBD
SOIC
TA = – 55° to 125°C for all packages.
P SUFFIX
PLASTIC
CASE 648
D SUFFIX
SOIC
CASE 751B
PIN ASSIGNMENT
13
14
15
16
9
10
11
12
5
4
3
2
1
8
7
6
Cn+x
Cin
G2
P2
VDD
Cn+z
G
Cn+y
P0
G0
P1
G1
VSS
P
P3
G3


Podobny numer części - MC14582BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1458 ONSEMI-MC1458 Datasheet
126Kb / 8P
   DUAL OPERATIONAL AMPLIFIERS
1996 REV 1
logo
NXP Semiconductors
MC1458 PHILIPS-MC1458 Datasheet
100Kb / 6P
   General purpose operational amplifier
August 31, 1994
logo
STMicroelectronics
MC1458 STMICROELECTRONICS-MC1458 Datasheet
102Kb / 6P
   DUAL OPERATIONAL AMPLIFIERS
December 2001
logo
Texas Instruments
MC1458 TI-MC1458 Datasheet
81Kb / 5P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
MC1458 UTC-MC1458 Datasheet
146Kb / 5P
   DUAL OPERATIONAL AMPLIFIER
More results

Podobny opis - MC14582BD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
10179 PHILIPS-10179 Datasheet
201Kb / 4P
   Look-Ahead Carry Block
June 14 1990
74HC182 PHILIPS-74HC182 Datasheet
68Kb / 9P
   Look-ahead carry generator
December 1990
logo
Hitachi Semiconductor
HD74HC182 HITACHI-HD74HC182 Datasheet
56Kb / 9P
   Look-Ahead Carry Generator
logo
NXP Semiconductors
74F182 PHILIPS-74F182 Datasheet
56Kb / 6P
   Look-ahead carry generator
1991 Apr 15 2 853
logo
Renesas Technology Corp
HD74HC182 RENESAS-HD74HC182 Datasheet
166Kb / 10P
   Look-Ahead Carry Generator
logo
Fairchild Semiconductor
DM74S182 FAIRCHILD-DM74S182 Datasheet
53Kb / 5P
   Look-Ahead Carry Generator
logo
STMicroelectronics
HCC40182B STMICROELECTRONICS-HCC40182B Datasheet
282Kb / 12P
   LOOK-AHEAD CARRY GENERATOR
logo
Texas Instruments
SN54S182 TI-SN54S182 Datasheet
212Kb / 6P
[Old version datasheet]   LOOK-AHEAD CARRY GENERATORS
SN54S182 TI1-SN54S182_15 Datasheet
443Kb / 11P
[Old version datasheet]   LOOK-AHEAD CARRY GENERATORS
logo
NXP Semiconductors
100179 PHILIPS-100179 Datasheet
328Kb / 7P
   Carry Look-Ahead Generator
June 14 1990
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com