Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1984 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD1984
Szczegółowy opis  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1984 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD1984 Datasheet HTML 3Page - Analog Devices AD1984 Datasheet HTML 4Page - Analog Devices AD1984 Datasheet HTML 5Page - Analog Devices AD1984 Datasheet HTML 6Page - Analog Devices AD1984 Datasheet HTML 7Page - Analog Devices AD1984 Datasheet HTML 8Page - Analog Devices AD1984 Datasheet HTML 9Page - Analog Devices AD1984 Datasheet HTML 10Page - Analog Devices AD1984 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD1984
Rev. 0
|
Page 7 of 20
|
January 2007
HD–AUDIO LINK SPECIFICATION
High-definition audio signals comply with the High-definition
Audio specification. Please refer to these specifications at:
http://www.intel.com/standards/hdaudio/
POWER DOWN STATES
Parameter
IDVDD Typ
IAVDD Typ
Unit
Function node in D0, all nodes active
58
31
mA
Function node in D31
1 Function node D3 state powers down all nodes except for the VREF, Mixer and MIC_BIAS nodes which have independent power controls. VREF should be kept active when
background functions such as jack presence detection or analog pass-through are required. Mixer should be kept active when analog pass-through is required. MIC_BIAS
can be disabled if microphones are not in use in the power-down state.
21
2
mA
Codec in RESET
33mA
Individual block power savings
DAC pair powered down saves (each)
ADC pair powered down saves (each)
Mixer power control (and associated amps) saves
DM_FLT pair powered down saves (each)
DM_CLK powered down saves2
MIC_BIAS powered down saves3
2 Test conditions: 30 pF load, 2.0 MHz frequency, 3.3 V A
VDD.
3 Powering down the MIC_BIAS powers down all port MIC_BIAS pins. This disables all microphone bias circuits set to 100% or 50%, setting them to the Hi-Z state. The
0
Ω and Hi-Z states remain unaffected by the MIC_BIAS power state.
6
5
0
5
0
0
5
3
2
0
1
0.5
mA
mA
mA
mA
mA
mA


Podobny numer części - AD1984

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Analog Devices
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984B AD-AD1984B Datasheet
302Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Podobny opis - AD1984

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com