Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1984JCPZ Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD1984JCPZ
Szczegółowy opis  High Definition Audio SoundMAX Codec
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1984JCPZ Arkusz danych(HTML) 5 Page - Analog Devices

  AD1984JCPZ Datasheet HTML 1Page - Analog Devices AD1984JCPZ Datasheet HTML 2Page - Analog Devices AD1984JCPZ Datasheet HTML 3Page - Analog Devices AD1984JCPZ Datasheet HTML 4Page - Analog Devices AD1984JCPZ Datasheet HTML 5Page - Analog Devices AD1984JCPZ Datasheet HTML 6Page - Analog Devices AD1984JCPZ Datasheet HTML 7Page - Analog Devices AD1984JCPZ Datasheet HTML 8Page - Analog Devices AD1984JCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
AD1984
Rev. 0
|
Page 5 of 20
|
January 2007
DIGITAL-TO-ANALOG CONVERTERS
Resolution
24
Bits
Gain Error (Full Scale Span Relative to Nominal Input Voltage)1
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
Total Audible Out-of-Band Energy (Measured from 0.6 × fS to 20 kHz)
1
–85
dB
DAC Crosstalk (Input L, Zero R, Measure R_OUT; Input R, Zero L, Measure L_OUT)1
–95
dB
DAC VOLUMES
Step size (DAC-0, DAC-1)
1.5
dB
Output Gain/Attenuation Range
–58.5
0
dB
Mute Attenuation of 0 dB Fundamental1
–80
dB
ADC VOLUMES
Step size (ADCSEL-0, ADCSEL-1)
1.5
dB
PGA Gain/Attenuation Range
–58.5
+22.5
dB
ANALOG MIXER
Signal-to-Noise Ratio Input to Output – Ports B, C, or F, to Port D Output
95
dB
Step Size: All Mixer Inputs
–1.5
dB
Input Gain/Attenuation Range: All Mixer Inputs
–34.5
+12.0
dB
ANALOG LINE LEVEL OUTPUTS
Full-Scale Output Voltage: Line out drive enabled
1.0
V rms
3
Ports A, D, E, F, and Mono Out
2.83
V p-p
Output Impedance
1
190
Ω
External Load Impedance1
10
k
Ω
Output Capacitance
1
15
pF
External Load Capacitance
1000
pF
ANALOG HP DRIVE OUTPUTS
Full-Scale Output Voltage: Line Out Drive Enabled
1.0
V rms3
Ports A and D (when HP Drive is Enabled)
2.83
V p-p
Output Impedance1
0.5
Ω
External Load Impedance
1
32
Ω
Output Capacitance1
15
pF
External Load Capacitance
1
1000
pF
ANALOG INPUTS
Input Voltages – Ports B, C, or E
Mic Boost = 0 dB
1
2.83
V rms3
V p-p
Input Voltages – Microphone Boost
Amplifier, Ports B, C, or E
Mic Boost = +10 dB
0.316
0.894
V rms3
V p-p
Mic Boost = +20 dB
0.1
0.283
V rms
3
V p-p
Mic Boost = +30 dB
0.032
0.089
V rms
3
V p-p
Input Impedance
PCBEEP
Ports B, C, E (Mic Boost = 0 dB)
Port F
23
150
45
k
Ω
k
Ω
k
Ω
Input Capacitance1
57.5
pF
Parameter
Min
Typ
Max
Unit


Podobny numer części - AD1984JCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
logo
Synaptics Incorporated.
AD1984A CONEXANT-AD1984A Datasheet
674Kb / 2P
   2 stereo headphone amplifiers
logo
Analog Devices
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984B AD-AD1984B Datasheet
302Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Podobny opis - AD1984JCPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1884A AD-AD1884A Datasheet
315Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1987 AD-AD1987_15 Datasheet
838Kb / 20P
   High Definition Audio SoundMAX Codec
REV. A
AD1882 AD-AD1882 Datasheet
843Kb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1989B AD-AD1989B Datasheet
412Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984 AD-AD1984_15 Datasheet
1Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1988B AD-AD1988B_15 Datasheet
2Mb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1884 AD-AD1884 Datasheet
1Mb / 16P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1883 AD-AD1883 Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1882 AD-AD1882_15 Datasheet
799Kb / 16P
   High Definition Audio SoundMAX Codec
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com