Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD74ACT257E Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części CD74ACT257E
Szczegółowy opis  Quad 2-Input Multiplexer with Three-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

CD74ACT257E Arkusz danych(HTML) 6 Page - Texas Instruments

  CD74ACT257E Datasheet HTML 1Page - Texas Instruments CD74ACT257E Datasheet HTML 2Page - Texas Instruments CD74ACT257E Datasheet HTML 3Page - Texas Instruments CD74ACT257E Datasheet HTML 4Page - Texas Instruments CD74ACT257E Datasheet HTML 5Page - Texas Instruments CD74ACT257E Datasheet HTML 6Page - Texas Instruments CD74ACT257E Datasheet HTML 7Page - Texas Instruments CD74ACT257E Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Propagation Delay,
OE to Y
AC/ACT257
tPLZ, tPHZ,
tPZL, tPZH
5
4.1
-
14.6
4
-
16.1
ns
Propagation Delay,
In to Y
’AC/CD74ACT258
tPLH, tPHL
5
2.4
-
8.5
2.3
-
9.3
ns
Propagation Delay,
S to Y
’AC/CD74ACT258
tPLH, tPHL
5
4
-
14
3.9
-
15.4
ns
Propagation Delay,
OE to Y
’AC/CD74ACT258
tPLZ, tPHZ,
tPZL, tPZH
5
4.1
-
14.6
4
-
16.1
ns
Three-State Output
Capacitance
CO
-
-
-15-
-15
pF
Input Capacitance
CI
-
-
-10-
-10
pF
Power Dissipation Capacitance
CPD
(Note 11)
-
-
130
-
-
130
-
pF
NOTES:
8. Limits tested 100%.
9. 3.3V Min is at 3.6V, Max is at 3V.
10. 5V Min is at 5.5V, Max is at 4.5V.
11. CPD is used to determine the dynamic power consumption per multiplexer.
AC: PD = CPD VCC
2 f
i + ∑ (CL VCC
2 f
o)
ACT: PD =CPD VCC
2 f
i + ∑ (CL VCC
2 f
o)+VCC ∆ICC where fi = input frequency, fo = output frequency, CL = output load capacitance,
VCC = supply voltage.
FIGURE 1. THREE-STATE PROPAGATION DELAY TIMES AND TEST CIRCUIT
Switching Specifications Input tr, tf = 3ns, CL = 50pF (Worst Case) (Continued)
PARAMETER
SYMBOL
VCC (V)
-40oC TO 85oC
-55oC TO 125oC
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
DUT
WITH
THREE-
STATE
OUTPUT
INPUT LEVEL
90%
VS
10%
GND
tf = 3ns
tPZL
tPZH
tPLZ
tPHZ
OUTPUTS
ENABLED
OUTPUTS
DISABLED
OUTPUT: LOW
TO OFF TO LOW
OUTPUT: HIGH
TO OFF TO HIGH
OTHER
INPUTS
(TIED HIGH
OR LOW)
OUTPUT
DISABLE
CL
50pF
500
RL
500
RL
OUT
VS
0.2VCC
VOL (≠GND)
VOH (≠VCC)
0.8 VCC
VS
GND (tPHZ, tPZH)
OUTPUTS
ENABLED
OPEN (tPHL, tPLH)
2 VCC (tPLZ, tPZL)
(OPEN DRAIN)
tr = 3ns
OUTPUT
DISABLE
FOR AC SERIES ONLY: WHEN VCC = 1.5V, RL = 1kΩ
CD54/74AC257, CD54/74ACT257, CD74ACT258


Podobny numer części - CD74ACT257E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74ACT257E TI-CD74ACT257E Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74ACT257E TI-CD74ACT257E Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74ACT257E TI-CD74ACT257E Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74ACT257EE4 TI-CD74ACT257EE4 Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD74ACT257EE4 TI-CD74ACT257EE4 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
More results

Podobny opis - CD74ACT257E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
39Kb / 8P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_07 Datasheet
455Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
CD54AC257 TI-CD54AC257_08 Datasheet
485Kb / 17P
[Old version datasheet]   Quad 2-Input Multiplexer with Three-State Outputs
logo
Intersil Corporation
ACS257MS INTERSIL-ACS257MS Datasheet
48Kb / 2P
   Radiation Hardened Quad 2-Input Multiplexer with Three-State Outputs
November 1997
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
National Semiconductor ...
MN54AC258-X NSC-MN54AC258-X Datasheet
17Kb / 7P
   Quad 2 Input Multiplexer With TRI - STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
   Quad 2-Input Multiplexer with TRI-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com