Zakładka z wyszukiwarką danych komponentów |
|
74LVC132ABQ Arkusz danych(PDF) 11 Page - NXP Semiconductors |
|
74LVC132ABQ Arkusz danych(HTML) 11 Page - NXP Semiconductors |
11 / 15 page 74LVC132A_1 © NXP B.V. 2006. All rights reserved. Product data sheet Rev. 01 — 15 December 2006 11 of 15 NXP Semiconductors 74LVC132A Quad 2-input NAND Schmitt trigger Fig 12. Package outline SOT402-1 (TSSOP14) UNIT A1 A2 A3 bp cD (1) E (2) (1) eHE LLp QZ y w v θ REFERENCES OUTLINE VERSION EUROPEAN PROJECTION ISSUE DATE IEC JEDEC JEITA mm 0.15 0.05 0.95 0.80 0.30 0.19 0.2 0.1 5.1 4.9 4.5 4.3 0.65 6.6 6.2 0.4 0.3 0.72 0.38 8 0 o o 0.13 0.1 0.2 1 DIMENSIONS (mm are the original dimensions) Notes 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. 2. Plastic interlead protrusions of 0.25 mm maximum per side are not included. 0.75 0.50 SOT402-1 MO-153 99-12-27 03-02-18 w M b p D Z e 0.25 17 14 8 θ A A1 A2 L p Q detail X L (A ) 3 HE E c v M A X A y 0 2.5 5 mm scale TSSOP14: plastic thin shrink small outline package; 14 leads; body width 4.4 mm SOT402-1 A max. 1.1 pin 1 index |
Podobny numer części - 74LVC132ABQ |
|
Podobny opis - 74LVC132ABQ |