Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAT15004 Arkusz danych(PDF) 3 Page - Catalyst Semiconductor

Numer części CAT15004
Szczegółowy opis  Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CATALYST [Catalyst Semiconductor]
Strona internetowa  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT15004 Arkusz danych(HTML) 3 Page - Catalyst Semiconductor

  CAT15004 Datasheet HTML 1Page - Catalyst Semiconductor CAT15004 Datasheet HTML 2Page - Catalyst Semiconductor CAT15004 Datasheet HTML 3Page - Catalyst Semiconductor CAT15004 Datasheet HTML 4Page - Catalyst Semiconductor CAT15004 Datasheet HTML 5Page - Catalyst Semiconductor CAT15004 Datasheet HTML 6Page - Catalyst Semiconductor CAT15004 Datasheet HTML 7Page - Catalyst Semiconductor CAT15004 Datasheet HTML 8Page - Catalyst Semiconductor CAT15004 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
CAT15002, CAT15004
© 2007 Catalyst Semiconductor, Inc.
3
Doc. No. 1126 Rev. A
Characteristics subject to change without notice
A.C. CHARACTERISTICS (MEMORY)
(1)
VCC = 2.5V to 5.5V, TA = -40°C to 85°C, unless otherwise specified.
Symbol
Parameter
Min.
Max.
Units
fSCK
Clock Frequency
DC
10
MHz
tSU
Data Setup Time
20
ns
tH
Data Hold Time
20
ns
tWH
SCK High Time
40
ns
tWL
SCK Low Time
40
ns
tLZ
HOLD
¯¯¯¯¯ to Output Low Z
25
ns
tRI
(2)
Input Rise Time
2
µs
tFI
(2)
Input Fall Time
2
µs
tHD
HOLD
¯¯¯¯¯ Setup Time
0
ns
tCD
HOLD
¯¯¯¯¯ Hold Time
10
ns
tV
Output Valid from Clock Low
40
ns
tHO
Output Hold Time
0
ns
tDIS
Output Disable Time
20
ns
tHZ
HOLD
¯¯¯¯¯ to Output High Z
25
ns
tCS
CS
¯¯ High Time
15
ns
tCSS
CS
¯¯ Setup Time
15
ns
tCSH
CS
¯¯ Hold Time
15
ns
tWPS
WP
¯¯¯ Setup Time
10
ns
tWPH
WP
¯¯¯ Hold Time
10
ns
tWC
(4)
Write Cycle Time
5
ms
tPU
(2) (3)
Power-up to Ready Mode
1
ms
Notes
:
(1) Test conditions according to “A.C. Test Conditions” table.
(2) Tested initially and after a design or process change that affects this parameter.
(3) tPU is the delay between the time VCC is stable and the device is ready to accept commands.
(4) tWC is the time from the rising edge of CS
¯¯ after a valid write sequence to the end of the internal write cycle.
A.C. TEST CONDITIONS
Input Rise and Fall Times
≤ 10ns
Input Levels
0.3 VCC to 0.7 VCC
Timing Reference Levels
0.5 VCC
Output Load
Current Source: IOL max/ IOH max; CL = 50pF


Podobny numer części - CAT15004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT15004 ONSEMI-CAT15004 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT150041JWI-GT3 ONSEMI-CAT150041JWI-GT3 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT150041LWI-GT3 ONSEMI-CAT150041LWI-GT3 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT150041MWI-GT3 ONSEMI-CAT150041MWI-GT3 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT150041RWI-GT3 ONSEMI-CAT150041RWI-GT3 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
More results

Podobny opis - CAT15004

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
CAT15002 ONSEMI-CAT15002 Datasheet
185Kb / 15P
   Voltage Supervisor with 2-Kb and 4-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1126 Rev. B
CAT15008 ONSEMI-CAT15008 Datasheet
194Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
Doc. No. MD-1125 Rev. B
logo
Catalyst Semiconductor
CAT15008 CATALYST-CAT15008 Datasheet
353Kb / 15P
   Voltage Supervisor with 8-Kb and 16-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010_12 Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT25010 ONSEMI-CAT25010 Datasheet
185Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 21
CAT25040LI-G ONSEMI-CAT25040LI-G Datasheet
198Kb / 18P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
logo
Catalyst Semiconductor
CAT25010 CATALYST-CAT25010_07 Datasheet
236Kb / 17P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25010 ONSEMI-CAT25010_15 Datasheet
131Kb / 15P
   1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
July, 2015 ??Rev. 25
logo
Catalyst Semiconductor
CAT25080 CATALYST-CAT25080 Datasheet
253Kb / 17P
   8-Kb and 16-Kb SPI Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com