Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC1488 Arkusz danych(PDF) 11 Page - STMicroelectronics

Numer części MC1488
Szczegółowy opis  RS-232 quad line driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MC1488 Arkusz danych(HTML) 11 Page - STMicroelectronics

Back Button MC1488_06 Datasheet HTML 7Page - STMicroelectronics MC1488_06 Datasheet HTML 8Page - STMicroelectronics MC1488_06 Datasheet HTML 9Page - STMicroelectronics MC1488_06 Datasheet HTML 10Page - STMicroelectronics MC1488_06 Datasheet HTML 11Page - STMicroelectronics MC1488_06 Datasheet HTML 12Page - STMicroelectronics MC1488_06 Datasheet HTML 13Page - STMicroelectronics MC1488_06 Datasheet HTML 14Page - STMicroelectronics MC1488_06 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
MC1488
Typical applications
11/17
6
Typical applications
Figure 14.
RS232C Data transmission
6.1
Application information
The Electronic Industries Association (EIA) has released the RS232C specification detailing
the requirements for the interface between data processing equipment. This standard
specifies not only the number and type of interface leads, but also the voltage levels to be
used. The MC1488 quad driver and its companion circuit, the MC1489 quad receiver,
provide a complete interface system between DTL or TTL logic levels and the RS232C
defined levels. The RS232C requirements as applied to drivers are discussed herein.
The required driver voltages are defined as between 5 and 15V in magnitude and are
positive for a logic "0" and negative for a logic "1". These voltages are so defined when the
drivers are terminated with a 3000 to 7000
Ω resistor. The MC1488 meets this voltage
requirement by converting a DTL/TTL logic level into RS232C levels with one stage of
inversion.
The RS232C specification further requires that during transitions, the driver output slew rate
must not exceed 30V per µs. The inherent slew rate of the MC1488 is much too fast for this
requirement. The current limited output of the device can be used to control this slew rate by
connecting a capacitor to each driver output. The required capacitor can be easily
determined by using the relationship C = IOS x ∆T/∆V from which Figure 15. is derived.
Accordingly, a 330 pF capacitor on each output will guarantee a worst case slew rate of 30V
per µs.
The interface driver is also required to withstand an accidental short to any other conductor
in an interconnecting cable. The worst possible signal on any conductor would be another
driver using a plus or minus 15V, 500 mA source. The MC1488 is designed to indefinitely
withstand such a short to all four outputs in a package as long as the power-supply voltages
are greater than 9.0V (i.e., VS ≥ 9.0V; VEE ≤ 9.0V). In some power-supply designs, a loss of
system power causes a low impedance on the power-supply outputs. When this occurs, a
low impedance to ground would exist at the power inputs to the MC1488 effectively shorting
the 300W output resistor to ground. If all four outputs were then shorted to plus or minus
15V, the power dissipation in these resistors would be excessive. Therefore, if the system is
designed to permit low impedances to ground at the power-supplies of the drivers, a diode
should be placed in each power-supply lead to prevent over-heating in this fault condition.


Podobny numer części - MC1488_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC1488 ONSEMI-MC1488_06 Datasheet
179Kb / 11P
   Quad Line EIA??32D Driver
October, 2006 ??Rev. 8
logo
Texas Instruments
MC1488 TI-MC1488_06 Datasheet
525Kb / 16P
[Old version datasheet]   QUADRUPLE LINE DRIVERS
More results

Podobny opis - MC1488_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
UPD4714A NEC-UPD4714A Datasheet
83Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
logo
National Semiconductor ...
RS-232 NSC-RS-232 Datasheet
26Kb / 2P
   RS-232 Line Driver Power
logo
NEC
UPD4711B NEC-UPD4711B Datasheet
93Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4713A NEC-UPD4713A Datasheet
105Kb / 16P
   RS-232 LINE DRIVER/RECEIVER
UPD4715A NEC-UPD4715A Datasheet
66Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4712C NEC-UPD4712C Datasheet
80Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
UPD4726 NEC-UPD4726 Datasheet
88Kb / 12P
   RS-232 LINE DRIVER/RECEIVER
logo
Analog Devices
ADM5170 AD-ADM5170_V01 Datasheet
152Kb / 7P
   Octal, RS-232/RS-423 Line Driver
REV.A
ADM5170 AD-ADM5170 Datasheet
133Kb / 6P
   Octal, RS-232/RS-423 Line Driver
REV. 0
ADM5170 AD-ADM5170_15 Datasheet
142Kb / 6P
   Octal, RS-232/RS-423 Line Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com