Zakładka z wyszukiwarką danych komponentów |
|
6N137S Arkusz danych(PDF) 5 Page - Fairchild Semiconductor |
|
6N137S Arkusz danych(HTML) 5 Page - Fairchild Semiconductor |
5 / 12 page 5 www.fairchildsemi.com Single-Channel: 6N137, HCPL-2601, HCPL-2611 Dual-Channel: HCPL-2630, HCPL-2631 Rev. 1.0.5 Fig.1 Low Level Output Voltage vs. Ambient Temperature TA - Ambient Temperature ( °C) TA - Ambient Temperature ( °C) TA - Ambient Temperature ( °C) -40 -20 0 20 40 60 80 IF - Forward Current (mA) IF - Forward Current (mA) IOL = 16 mA Fig. 4 Low Level Output Current vs. Ambient Temperature -40 -20 0 20 40 60 80 -40 -20 0 20 40 60 80 IF = 5 mA IF = 10 mA IF = 15 mA Fig. 5 Input Threshold Current vs. Ambient Temperature RL = 350 RL = 1kΩ RL = 4kΩ Fig. 6 Output Voltage vs. Input Forward Current RL = 350Ω RL = 1kΩ RL =4kΩ IOL = 6.4 mA IOL = 9.6 mA IOL = 12.8 mA Conditions: IF = 5 mA VE = 2 V VCC = 5.5V Conditions: VCC = 5.0 V VO = 0.6 V Fig. 2 Input Diode Forward Voltage vs. Forward Current VF - Forward Voltage (V) 0.9 1.0 1.1 1.2 1.3 1.4 1.5 1.6 Conditions: VCC = 5 V VE = 2 V VOL = 0.6 V Fig.3 Switching Time vs. Forward Current 5 01 2 3 4 5 6 79 11 13 15 V CC = 5 V RL = 1 kΩ (TPLH) RL = 4 kΩ (TPLH) RL = 350 Ω (TPLH) RL = 1 kΩ RL = 4 kΩ RL = 350 kΩ (TPHL) 0.0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 1 2 3 4 0 20 40 60 80 100 120 20 25 30 35 40 45 50 0 1 2 3 4 5 6 0.001 0.01 0.1 1 10 16 30 |
Podobny numer części - 6N137S |
|
Podobny opis - 6N137S |