Zakładka z wyszukiwarką danych komponentów |
|
M27C4002-15B6TR Arkusz danych(PDF) 5 Page - STMicroelectronics |
|
M27C4002-15B6TR Arkusz danych(HTML) 5 Page - STMicroelectronics |
5 / 24 page M27C4002 Summary description 5/24 1 Summary description The M27C4002 is a 4 Mbit EPROM offered in the two ranges UV (ultra violet erase) and OTP (one time programmable). It is ideally suited for microprocessor systems requiring large programs and is organized as 262,144 words of 16 bits. The FDIP40W (window ceramic frit-seal package) has transparent lids which allow the user to expose the chip to ultraviolet light to erase the bit pattern. A new pattern can then be written to the device by following the programming procedure. For applications where the content is programmed only one time and erasure is not required, the M27C4002 is offered in PDIP40, PLCC44 and TSOP40 (10 x 20 mm) packages. In order to meet environmental requirements, ST offers the M27C4002 in ECOPACK® packages. ECOPACK packages are Lead-free. The category of second Level Interconnect is marked on the package and on the inner box label, in compliance with JEDEC Standard JESD97. The maximum ratings related to soldering conditions are also marked on the inner box label. ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com. Figure 1. Logic Diagram AI00727B 18 A0-A17 Q0-Q15 VPP VCC M27C4002 VSS 16 G E |
Podobny numer części - M27C4002-15B6TR |
|
Podobny opis - M27C4002-15B6TR |