Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1431AIZ Arkusz danych(PDF) 7 Page - STMicroelectronics

Numer części TL1431AIZ
Szczegółowy opis  Programmable Voltage Reference
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TL1431AIZ Arkusz danych(HTML) 7 Page - STMicroelectronics

Back Button TL1431AIZ Datasheet HTML 3Page - STMicroelectronics TL1431AIZ Datasheet HTML 4Page - STMicroelectronics TL1431AIZ Datasheet HTML 5Page - STMicroelectronics TL1431AIZ Datasheet HTML 6Page - STMicroelectronics TL1431AIZ Datasheet HTML 7Page - STMicroelectronics TL1431AIZ Datasheet HTML 8Page - STMicroelectronics TL1431AIZ Datasheet HTML 9Page - STMicroelectronics TL1431AIZ Datasheet HTML 10Page - STMicroelectronics TL1431AIZ Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
TL1431
Electrical Characteristics
7/13
Figure 9.
Reference voltage vs. temp.
Figure 10. Reference voltage vs. cathode current
Figure 11. Reference voltage vs. cathode current Figure 12. Reference current vs. temp.
Figure 13. Off-state cathode current vs. temp.
Figure 14. Ratio of change in VREF to change in
VKA vs. temp.
-40
-20
0
20
40
60
80
100
120
2.486
2.488
2.490
2.492
2.494
2.496
2.498
2.500
I
K
=10 mA
V
KA
=V
REF
=2.5 V
See figure 1
Temperature (°C)
-40
-20
0
20
40
60
80
100
-1
0
1
2
3
V
KA
=V
REF
See figure 1
Cathode current (mA)
0.0
0.2
0.4
0.6
0.8
1.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
V
KA
=V
REF
See figure 1
Cathode current (mA)
-40
-20
0
20
40
60
80
100
120
0.0
0.5
1.0
1.5
2.0
I
K
=10 mA
V
KA
=V
REF
See figure 1
Temperature (°C)
-40
-20
0
20
40
60
80
100
120
0.00
0.02
0.04
0.06
0.08
0.10
V
KA
= 36V
See figure 3
Temperature(°C)
-40
-20
0
20
40
60
80
100
120
-2.0
-1.5
-1.0
-0.5
0.0
I
K
=10 mA
V
KA
=V
REF
See figure 2
Temperature (°C)


Podobny numer części - TL1431AIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
TL1431AIZ STMICROELECTRONICS-TL1431AIZ Datasheet
79Kb / 8P
   PROGRAMMABLE VOLTAGE REFERENCE
TL1431AIZ STMICROELECTRONICS-TL1431AIZ Datasheet
234Kb / 16P
   Programmable voltage reference
TL1431AIZ-AP STMICROELECTRONICS-TL1431AIZ-AP Datasheet
234Kb / 16P
   Programmable voltage reference
TL1431AIZT STMICROELECTRONICS-TL1431AIZT Datasheet
234Kb / 16P
   Programmable voltage reference
More results

Podobny opis - TL1431AIZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
   Programmable Voltage Reference
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
   Programmable Voltage Reference
SL431XM AUK-SL431XM Datasheet
384Kb / 4P
   Programmable Voltage Reference
SL431X AUK-SL431X Datasheet
355Kb / 6P
   Programmable Voltage Reference
logo
KODENSHI_AUK CORP.
SG431 KODENSHI-SG431 Datasheet
471Kb / 14P
   Programmable Voltage Reference
SR431 KODENSHI-SR431 Datasheet
467Kb / 14P
   Programmable Voltage Reference
logo
STMicroelectronics
TL431CCT STMICROELECTRONICS-TL431CCT Datasheet
939Kb / 21P
   Programmable voltage reference
logo
AUK corp
SL432XM AUK-SL432XM Datasheet
373Kb / 4P
   Programmable Voltage Reference
SL431XSF AUK-SL431XSF Datasheet
380Kb / 4P
   Programmable Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com