Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74CBTLV16212GR Arkusz danych(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74CBTLV16212GR
Szczegółowy opis  LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

SN74CBTLV16212GR Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74CBTLV16212GR Datasheet HTML 3Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 4Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 5Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 6Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 7Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 8Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 9Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 10Page - Texas Instruments SN74CBTLV16212GR Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
MECHANICAL DATA
MSSO001C – JANUARY 1995 – REVISED DECEMBER 2001
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
DL (R-PDSO-G**)
PLASTIC SMALL-OUTLINE PACKAGE
4040048 / E 12/01
48 PINS SHOWN
56
0.730
(18,54)
0.720
(18,29)
48
28
0.370
(9,40)
(9,65)
0.380
Gage Plane
DIM
0.420 (10,67)
0.395 (10,03)
A MIN
A MAX
0.010 (0,25)
PINS **
0.630
(16,00)
(15,75)
0.620
0.010 (0,25)
Seating Plane
0.020 (0,51)
0.040 (1,02)
25
24
0.008 (0,203)
0.0135 (0,343)
48
1
0.008 (0,20) MIN
A
0.110 (2,79) MAX
0.299 (7,59)
0.291 (7,39)
0.004 (0,10)
M
0.005 (0,13)
0.025 (0,635)
0
°–8°
0.005 (0,13)
NOTES: A. All linear dimensions are in inches (millimeters).
B. This drawing is subject to change without notice.
C. Body dimensions do not include mold flash or protrusion not to exceed 0.006 (0,15).
D. Falls within JEDEC MO-118


Podobny numer części - SN74CBTLV16212GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV16212GR TI1-SN74CBTLV16212GR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
More results

Podobny opis - SN74CBTLV16212GR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74CBTLV16212DGGR TI1-SN74CBTLV16212DGGR Datasheet
350Kb / 13P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV16212 TI-SN74CBTLV16212 Datasheet
105Kb / 8P
[Old version datasheet]   LOW-VOLTAGE 24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI-SN74CBT16213 Datasheet
83Kb / 5P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
SN74CBT16213 TI1-SN74CBT16213_08 Datasheet
333Kb / 11P
[Old version datasheet]   24-BIT FET BUS-EXCHANGE SWITCH
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212 Datasheet
76Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Renesas Technology Corp
74CBTLV16212 RENESAS-74CBTLV16212 Datasheet
281Kb / 6P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
JUNE 2019
logo
Integrated Device Techn...
IDT74CBTLV16212 IDT-IDT74CBTLV16212_14 Datasheet
105Kb / 5P
   LOW-VOLTAGE 24-BIT BUS EXCHANGE SWITCH
logo
Texas Instruments
SN74CBTL3383 TI-SN74CBTL3383 Datasheet
237Kb / 10P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI-SN74CBTLV3383 Datasheet
83Kb / 6P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
SN74CBTLV3383 TI1-SN74CBTLV3383_15 Datasheet
872Kb / 15P
[Old version datasheet]   LOW-VOLTAGE 10-BIT FET BUS-EXCHANGE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com