Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL3844DR Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TL3844DR
Szczegółowy opis  CURRENT-MODE PWM CONTROLLERS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TL3844DR Arkusz danych(HTML) 1 Page - Texas Instruments

  TL3844DR Datasheet HTML 1Page - Texas Instruments TL3844DR Datasheet HTML 2Page - Texas Instruments TL3844DR Datasheet HTML 3Page - Texas Instruments TL3844DR Datasheet HTML 4Page - Texas Instruments TL3844DR Datasheet HTML 5Page - Texas Instruments TL3844DR Datasheet HTML 6Page - Texas Instruments TL3844DR Datasheet HTML 7Page - Texas Instruments TL3844DR Datasheet HTML 8Page - Texas Instruments TL3844DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TL284x, TL384x
CURRENT-MODE PWM CONTROLLERS
SLVS038F – JANUARY 1989 – REVISED FEBRUARY 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Optimized for Off-Line and dc-to-dc
Converters
D Low Start-Up Current (<1 mA)
D Automatic Feed-Forward Compensation
D Pulse-by-Pulse Current Limiting
D Enhanced Load-Response Characteristics
D Undervoltage Lockout With Hysteresis
D Double-Pulse Suppression
D High-Current Totem-Pole Output
D Internally Trimmed Bandgap Reference
D 500-kHz Operation
D Error Amplifier With Low Output
Resistance
D Designed to Be Interchangeable With
UC2842 and UC3842 Series
description/ordering information
The TL284x and TL384x series of control
integrated circuits provide the features that are
necessary to implement off-line or dc-to-dc fixed-frequency current-mode control schemes, with a minimum
number of external components. Some of the internally implemented circuits are an undervoltage lockout
(UVLO), featuring a start-up current of less than 1 mA, and a precision reference trimmed for accuracy at the
error amplifier input. Other internal circuits include logic to ensure latched operation, a pulse-width modulation
(PWM) comparator (that also provides current-limit control), and a totem-pole output stage designed to source
or sink high-peak current. The output stage, suitable for driving N-channel MOSFETs, is low when it is in the
off state.
Major differences between members of these series are the UVLO thresholds and maximum duty-cycle ranges.
Typical UVLO thresholds of 16 V (on) and 10 V (off) on the TLx842 and TLx844 devices make them ideally suited
to off-line applications. The corresponding typical thresholds for the TLx843 and TLx845 devices are 8.4 V (on)
and 7.6 V (off). The TLx842 and TLx843 devices can operate to duty cycles approaching 100%. A duty-cycle
range of 0 to 50% is obtained by the TLx844 and TLx845 by the addition of an internal toggle flip-flop, which
blanks the output off every other clock cycle.
The TL284x-series devices are characterized for operation from –40
°C to 85°C. The TL384x-series devices are
characterized for operation from 0
°C to 70°C.
Copyright
 2003, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
COMP
NC
VFB
NC
ISENSE
NC
RT/CT
REF
NC
VCC
VC
OUTPUT
GND
POWER GROUND
D PACKAGE
(TOP VIEW)
1
2
3
4
8
7
6
5
COMP
VFB
ISENSE
RT/CT
REF
VCC
OUTPUT
GND
D-8 OR P PACKAGE
(TOP VIEW)
NC – No internal connection


Podobny numer części - TL3844DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL3844DR TI-TL3844DR Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3844DR TI-TL3844DR Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3844DR TI-TL3844DR Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3844DR-8 TI-TL3844DR-8 Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL3844DR-8 TI-TL3844DR-8 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
More results

Podobny opis - TL3844DR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
UC1842 TI1-UC1842_16 Datasheet
3Mb / 56P
[Old version datasheet]   Current-Mode PWM Controllers
TL284X TI-TL284X_10 Datasheet
577Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
TL284X_101 TI-TL284X_101 Datasheet
534Kb / 21P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
IMP, Inc
IMP38C4X IMP-IMP38C4X Datasheet
160Kb / 10P
   BiCMOS Current-Mode PWM Controllers
logo
Microchip Technology
MIC38C42 MICROCHIP-MIC38C42 Datasheet
1Mb / 24P
   BiCMOS Current-Mode PWM Controllers
09/14/21
logo
TelCom Semiconductor, I...
TC18C43 TELCOM-TC18C43 Datasheet
83Kb / 7P
   BiCMOS CURRENT MODE PWM CONTROLLERS
logo
Micrel Semiconductor
MIC38C42A MICREL-MIC38C42A Datasheet
127Kb / 9P
   BiCMOS Current-Mode PWM Controllers
MIC38C43XYM MICREL-MIC38C43XYM Datasheet
354Kb / 11P
   BiCMOS Current-Mode PWM Controllers
MIC38C45YM MICREL-MIC38C45YM Datasheet
348Kb / 11P
   BiCMOS Current-Mode PWM Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com