Zakładka z wyszukiwarką danych komponentów |
|
SN74HC08N3 Arkusz danych(PDF) 4 Page - Texas Instruments |
|
SN74HC08N3 Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 16 page www.ti.com Electrical Characteristics Switching Characteristics Operating Characteristics SN54HC08, SN74HC08 QUADRUPLE 2-INPUT POSITIVE-AND GATES SCLS081F – DECEMBER 1982 – REVISED JANUARY 2007 over operating free-air temperature range (unless otherwise noted) TA = 25°C SN54HC08 SN74HC08 PARAMETER TEST CONDITIONS VCC UNIT MIN TYP MAX MIN MAX MIN MAX 2 V 1.9 1.998 1.9 1.9 IOH = –20 µA 4.5 V 4.4 4.499 4.4 4.4 VOH VI = VIH or VIL 6 V 5.9 5.999 5.9 5.9 V IOH = –4 mA 4.5 V 3.98 4.3 3.7 3.84 IOH = –5.2 mA 6 V 5.48 5.8 5.2 5.34 2 V 0.002 0.1 0.1 0.1 IOL = 20 µA 4.5 V 0.001 0.1 0.1 0.1 VOL VI = VIH or VIL 6 V 0.001 0.1 0.1 0.1 V IOL = 4 mA 4.5 V 0.17 0.26 0.4 0.33 IOL = 5.2 mA 6 V 0.15 0.26 0.4 0.33 II VI = VCC or 0 6 V ±0.1 ±100 ±1000 ±1000 nA ICC VI = VCC or 0, IO = 0 6 V 2 40 20 µA Ci 2 V to 6 V 3 10 10 10 pF over operating free-air temperature range, C L = 50 pF (unless otherwise noted) (see Figure 1) TA = 25°C SN54HC08 SN74HC08 FROM TO PARAMETER VCC UNIT (INPUT) (OUTPUT) MIN TYP MAX MIN MAX MIN MAX 2 V 50 100 150 125 tpd A Y 4.5 V 10 20 30 25 ns 6 V 8 17 25 24 2 V 38 75 110 95 tt Y 4.5 V 8 15 22 19 ns 6 V 6 13 19 16 T A = 25°C PARAMETER TEST CONDITIONS TYP UNIT Cpd Power dissipation capacitance per inverter No load 20 pF 4 Submit Documentation Feedback |
Podobny numer części - SN74HC08N3 |
|
Podobny opis - SN74HC08N3 |