Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ZL50030 Arkusz danych(PDF) 3 Page - Zarlink Semiconductor Inc

Numer części ZL50030
Szczegółowy opis  Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
Download  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ZARLINK [Zarlink Semiconductor Inc]
Strona internetowa  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50030 Arkusz danych(HTML) 3 Page - Zarlink Semiconductor Inc

  ZL50030_06 Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50030_06 Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50030_06 Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50030_06 Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50030_06 Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50030_06 Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50030_06 Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50030_06 Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50030_06 Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 73 page
background image
ZL50030
Data Sheet
3
Zarlink Semiconductor Inc.
Changes Summary
The following table captures the changes from the March 2004 issue.
Page
Item
Change
27, 47
Section 17.2 and Table 20
Added description clarifying that the MTIE reset must be
set when the device is in the slave mode.
49
Table 21
Added MRST (bit 10) in Mode Selection table.
29, 30
Section 17.7 and Section 18.1
Deleted the intrinsic jitter descriptions in Section 17.7
and Section18.1, and replaced them with Table "AC
Electrical Characteristics - Output Clock Jitter
Generation (Unfiltered).
57
“AC Electrical Characteristics† -
Output Frame Pulse and Output
Clock Timing“
The parameter Delta,
∆, is replaced by actual numbers
in all tables.
56
“AC Electrical Characteristics† - Input
Frame Pulse and Input Clock Timing“
The Phase Correction,
φ, is replaced by actual numbers.
65, 67
“AC Electrical Characteristics† -
Backplane Serial Streams with Data
Rate of 8 Mbps“, “AC Electrical
Characteristics† - Backplane Serial
Streams with Data Rate of 16 Mbps“
and “AC Electrical Characteristics† -
Local Serial Stream Input Timing“
Input data sampling timings were updated for clarity
purposes.


Podobny numer części - ZL50030_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
ZL50030GAC ZARLINK-ZL50030GAC Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
More results

Podobny opis - ZL50030_06

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Zarlink Semiconductor I...
ZL50030 ZARLINK-ZL50030 Datasheet
681Kb / 73P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 1 K x 1 K Local Switch
ZL50031 ZARLINK-ZL50031 Datasheet
765Kb / 74P
   Flexible 4 K x 2 K Channel Digital Switch with H.110 Interface and 2 K x 2 K Local Switch
MT90866 ZARLINK-MT90866 Datasheet
701Kb / 86P
   Flexible 4 K x 2.4 K Channel Digital Switch with H.110 Interface and 2.4 K x 2.4 K Local Switch
ZL50017_0611 ZARLINK-ZL50017_0611 Datasheet
498Kb / 51P
   1 K Digital Switch
ZL50017 ZARLINK-ZL50017 Datasheet
500Kb / 51P
   1 K Digital Switch
ZL50016 ZARLINK-ZL50016_06 Datasheet
673Kb / 81P
   Enhanced 1 K Digital Switch
ZL50016 ZARLINK-ZL50016 Datasheet
678Kb / 81P
   Enhanced 1 K Digital Switch
logo
Cypress Semiconductor
CY7C131E CYPRESS-CY7C131E_13 Datasheet
390Kb / 20P
   1 K / 2 K x 8 Dual-port Static RAM
logo
Zarlink Semiconductor I...
MT90870 ZARLINK-MT90870 Datasheet
2Mb / 86P
   Flexible 12 k Digital Switch (F12kDX)
ZL50020 ZARLINK-ZL50020 Datasheet
682Kb / 83P
   Enhanced 2 K Digital Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com