Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA311 Arkusz danych(PDF) 8 Page - Texas Instruments

Numer części TPA311
Szczegółowy opis  350-mW MONO AUDIO POWER AMPLIFIER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA311 Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button TPA311_07 Datasheet HTML 4Page - Texas Instruments TPA311_07 Datasheet HTML 5Page - Texas Instruments TPA311_07 Datasheet HTML 6Page - Texas Instruments TPA311_07 Datasheet HTML 7Page - Texas Instruments TPA311_07 Datasheet HTML 8Page - Texas Instruments TPA311_07 Datasheet HTML 9Page - Texas Instruments TPA311_07 Datasheet HTML 10Page - Texas Instruments TPA311_07 Datasheet HTML 11Page - Texas Instruments TPA311_07 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
TPA311
350-mW MONO AUDIO POWER AMPLIFIER
SLOS207C – JANUARY 1998 – REVISED MAY 2003
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
VDD – Supply Voltage – V
OUTPUT POWER
vs
SUPPLY VOLTAGE
600
400
200
0
2.5
3.5
3
4
5.5
1000
2
4.5
5
800
THD+N 1%
BTL
RL = 32 Ω
RL = 8 Ω
Figure 9
VDD – Supply Voltage – V
OUTPUT POWER
vs
SUPPLY VOLTAGE
150
100
50
0
34
3.5
4.5
350
2
5
200
THD+N 1%
SE
RL = 32 Ω
RL = 8 Ω
250
300
5.5
2.5
Figure 10
RL – Load Resistance – Ω
OUTPUT POWER
vs
LOAD RESISTANCE
300
200
100
0
16
32
24
40
64
800
8
48
56
400
THD+N = 1%
BTL
VDD = 5 V
500
600
VDD = 3.3 V
700
Figure 11
RL – Load Resistance – Ω
OUTPUT POWER
vs
LOAD RESISTANCE
14
26
20
32
50
838
44
THD+N = 1%
SE
VDD = 5 V
VDD = 3.3 V
56
62
150
100
50
0
350
200
250
300


Podobny numer części - TPA311_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
1Mb / 33P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI-TPA3110D2 Datasheet
976Kb / 34P
[Old version datasheet]   15-W FILTER-FREE STEREO CLASS-D AUDIO POWER AMPLIFIER with SPEAKERGUARD?
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 34P
[Old version datasheet]   Filter-Free Stereo Class-D Audio Power Amplifier
TPA3110D2 TI1-TPA3110D2 Datasheet
1Mb / 35P
[Old version datasheet]   15-W Fil ter-Free Stereo Class-D Audio Power Amplifier With Speakerguard
More results

Podobny opis - TPA311_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_07 Datasheet
701Kb / 25P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com