Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA301DGN Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA301DGN
Szczegółowy opis  350-mW MONO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA301DGN Arkusz danych(HTML) 5 Page - Texas Instruments

  TPA301DGN Datasheet HTML 1Page - Texas Instruments TPA301DGN Datasheet HTML 2Page - Texas Instruments TPA301DGN Datasheet HTML 3Page - Texas Instruments TPA301DGN Datasheet HTML 4Page - Texas Instruments TPA301DGN Datasheet HTML 5Page - Texas Instruments TPA301DGN Datasheet HTML 6Page - Texas Instruments TPA301DGN Datasheet HTML 7Page - Texas Instruments TPA301DGN Datasheet HTML 8Page - Texas Instruments TPA301DGN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
−50
−60
−80
−100
20
100
1 k
−30
−20
f − Frequency − Hz
0
10 k 20 k
−10
−40
−70
−90
VDD = 5 V
VDD = 3.3 V
RL = 8 Ω
CB = 1 µF
VDD − Supply Voltage − V
1.1
0.7
0.3
−0.1
0.9
0.5
0.1
3
4
6
2
5
SHUTDOWN = 0 V
RF = 10 kΩ
TPA301
SLOS208E – JANUARY 1998 – REVISED JUNE 2004
Table of Graphs
FIGURE
kSVR
Supply voltage rejection ratio
vs Frequency
2
IDD
Supply current
vs Supply voltage
3, 4
vs Supply voltage
5
PO
Output power
vs Load resistance
6
vs Frequency
7, 8, 11, 12
THD+N
Total harmonic distortion plus noise
vs Output power
9, 10, 13, 14
Open-loop gain and phase
vs Frequency
15, 16
Closed-loop gain and phase
vs Frequency
17, 18
Vn
Output noise voltage
vs Frequency
19, 20
PD
Power dissipation
vs Output power
21, 22
SUPPLY VOLTAGE REJECTION RATIO
SUPPLY CURRENT
vs
vs
FREQUENCY
SUPPLY VOLTAGE
Figure 2.
Figure 3.
5


Podobny numer części - TPA301DGN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA301DGN TI-TPA301DGN Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA301DGN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA311 TI-TPA311_07 Datasheet
979Kb / 35P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301 Datasheet
356Kb / 22P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA311 TI-TPA311 Datasheet
579Kb / 32P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA301 TI-TPA301_15 Datasheet
784Kb / 29P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER
TPA321 TI-TPA321_07 Datasheet
709Kb / 26P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321 Datasheet
479Kb / 24P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA321 TI-TPA321_15 Datasheet
1,008Kb / 30P
[Old version datasheet]   350-mW MONO AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711 Datasheet
515Kb / 32P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com