Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6101A2DGKR Arkusz danych(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA6101A2DGKR
Szczegółowy opis  50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6101A2DGKR Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button TPA6101A2DGKR Datasheet HTML 7Page - Texas Instruments TPA6101A2DGKR Datasheet HTML 8Page - Texas Instruments TPA6101A2DGKR Datasheet HTML 9Page - Texas Instruments TPA6101A2DGKR Datasheet HTML 10Page - Texas Instruments TPA6101A2DGKR Datasheet HTML 11Page - Texas Instruments TPA6101A2DGKR Datasheet HTML 12Page - Texas Instruments TPA6101A2DGKR Datasheet HTML 13Page - Texas Instruments TPA6101A2DGKR Datasheet HTML 14Page - Texas Instruments TPA6101A2DGKR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
TPA6101A2
50mW ULTRALOW VOLTAGE, FIXEDGAIN STEREO HEADPHONE
AUDIO POWER AMPLIFIER
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
−60
−50
−40
−30
−20
−10
0
10
20
30
40
10
100
1 k
10 k
100 k
1 M
10 M
100 M
Phase
Gain
VDD = 1.6 V
RL = 32 Ω
TA = 25°C
f − Frequency − Hz
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
Figure 24
180
°
−180
°
60
°
−60
°
150
°
120
°
30
°
−30
°
−120
°
−150
°
−90
°
0
°
90
°
−60
−50
−40
−30
−20
−10
0
10
20
30
40
10
100
1 k
10 k
100 k
1 M
10 M
100 M
Phase
Gain
VDD = 3.3 V
RL = 16 Ω
TA = 25°C
f − Frequency − Hz
CLOSED-LOOP GAIN AND PHASE
vs
FREQUENCY
Figure 25
180
°
−180
°
60
°
−60
°
150
°
120
°
30
°
−30
°
−120
°
−150
°
−90
°
0
°
90
°


Podobny numer części - TPA6101A2DGKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
More results

Podobny opis - TPA6101A2DGKR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6101A2 TI-TPA6101A2 Datasheet
423Kb / 19P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDOI POWER AMPLIFIER
TPA6102A2 TI1-TPA6102A2_14 Datasheet
748Kb / 22P
[Old version datasheet]   50-mW ULTRALOW-VOLTAGE, FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D_06 Datasheet
256Kb / 11P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2D TI-TPA6100A2D Datasheet
241Kb / 10P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6138A2 TI1-TPA6138A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2 Datasheet
289Kb / 17P
[Old version datasheet]   50 mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6102A2 TI-TPA6102A2_06 Datasheet
427Kb / 20P
[Old version datasheet]   50-mM ULTRALOW VOLTAGE FIXED-GAIN STEREO HEADPHONE AUDIO POWER AMPLIFIER
TPA6100A2 TI1-TPA6100A2 Datasheet
600Kb / 15P
[Old version datasheet]   50-mW ULTRALOW VOLTAGE STEREO HEADPHONE AUDIO POWER AMPLIFIER
logo
ON Semiconductor
NCP2809 ONSEMI-NCP2809 Datasheet
186Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
November, 2004 ??Rev. 7
NCP2809 ONSEMI-NCP2809_06 Datasheet
188Kb / 22P
   NOCAP 135 mW Stereo Headphone Power Amplifier
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com