Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA6211A1 Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części TPA6211A1
Szczegółowy opis  3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA6211A1 Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button TPA6211A1_07 Datasheet HTML 5Page - Texas Instruments TPA6211A1_07 Datasheet HTML 6Page - Texas Instruments TPA6211A1_07 Datasheet HTML 7Page - Texas Instruments TPA6211A1_07 Datasheet HTML 8Page - Texas Instruments TPA6211A1_07 Datasheet HTML 9Page - Texas Instruments TPA6211A1_07 Datasheet HTML 10Page - Texas Instruments TPA6211A1_07 Datasheet HTML 11Page - Texas Instruments TPA6211A1_07 Datasheet HTML 12Page - Texas Instruments TPA6211A1_07 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
www.ti.com
f - Frequency - Hz
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100 200
500 1k
2k
5k
10k
VDD = 3.6 V
VDD = 2.5 V
RL = 4 Ω,,
C(BYPASS) = 0.47 µF,
Gain = 5 V/V,
CI = 2 µF,
Inputs ac Grounded
VDD = 5 V
f - Frequency - Hz
+0
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
20
20k
50
100 200
500 1k
2k
5k
10k
RL = 4 Ω,,
C(BYPASS) = 0.47 µF,
CI = 2 µF,
VDD = 2.5 V to 5 V
Inputs Floating
f − Frequency − Hz
+0
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
20
20k
50
100 200
500 1k
2k
5k
10k
RL = 4 Ω,,
CI = 2 µF,
Gain = 1 V/V,
VDD = 3.6 V
C(BYPASS) = 0.47 µF
C(BYPASS) = 1 µF
C(BYPASS) = 0.1 µF
No C(BYPASS)
−100
−90
−80
−70
−60
−50
−40
−30
−20
−10
0
0
1
2
3
4
5
6
VDD = 5 V
VDD = 3.6 V
VDD = 2.5 V
DC Common Mode Input − V
RL = 4 Ω,,
CI = 2 µF,
Gain = 1 V/V,
C(BYPASS) = 0.47 µF
VDD = 3.6 V,
f = 217 Hz,
Inputs ac Grounded
TPA6211A1
SLOS367B – AUGUST 2003 – REVISED AUGUST 2004
SUPPLY VOLTAGE REJECTION RATIO
SUPPLY RIPPLE REJECTION RATIO
vs
vs
FREQUENCY
FREQUENCY
Figure 15.
Figure 16.
SUPPLY VOLTAGE REJECTION RATIO
SUPPLY VOLTAGE REJECTION RATIO
vs
vs
FREQUENCY
DC COMMON MODE INPUT
Figure 17.
Figure 18.
9


Podobny numer części - TPA6211A1_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1DGN TI-TPA6211A1DGN Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA6211A1_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA6211A1-Q1 TI1-TPA6211A1-Q1 Datasheet
754Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1_17 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1 TI-TPA6211A1 Datasheet
593Kb / 24P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI-TPA6211A1_15 Datasheet
874Kb / 32P
[Old version datasheet]   3.1-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
TPA6211A1 TI1-TPA6211A1 Datasheet
1Mb / 37P
[Old version datasheet]   3.1-W Mono Fully Differential Audio Power Amplifier
TPA6211A1-Q1 TI1-TPA6211A1-Q1_16 Datasheet
1Mb / 33P
[Old version datasheet]   TPA6211A1-Q1 3.1-W Mono Fully Differential Audio Power Amplifier
logo
Unisonic Technologies
PA6204 UTC-PA6204_17 Datasheet
164Kb / 7P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA6203A1 TI-TPA6203A1_V01 Datasheet
2Mb / 36P
[Old version datasheet]   1.25-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Unisonic Technologies
PA6204 UTC-PA6204 Datasheet
174Kb / 6P
   1.7-W MONO FULLY DIFFERENTIAL AUDIO POWER AMPLIFIER
logo
Eutech Microelectronics...
EUA6204 EUTECH-EUA6204 Datasheet
379Kb / 12P
   1.36-W Mono Fully Differential Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com