Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7808UBG4 Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS7808UBG4
Szczegółowy opis  12-Bit 10us Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7808UBG4 Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  ADS7808UBG4 Datasheet HTML 1Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 2Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 3Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 4Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 5Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 6Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 7Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 8Page - Burr-Brown (TI) ADS7808UBG4 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
12-Bit 10
µs Serial CMOS Sampling
ANALOG-to-DIGITAL CONVERTER
FEATURES
q 100kHz SAMPLING RATE
q 72dB SINAD WITH 45kHz INPUT
q
±1/2 LSB INL AND DNL
q SIX SPECIFIED INPUT RANGES
q SERIAL OUTPUT
q SINGLE +5V SUPPLY OPERATION
q PIN-COMPATIBLE WITH 16-BIT ADS7809
q USES INTERNAL OR EXTERNAL
REFERENCE
q 100mW MAX POWER DISSIPATION
q 0.3" SO-20
q SIMPLE DSP INTERFACE
DESCRIPTION
The ADS7808 is a complete 12-bit sampling analog-to-digital
using state-of-the-art CMOS structures. It contains a 12-bit
capacitor-based SAR A/D with S/H, reference, clock, and a
serial data interface. Data can be output using the internal
clock, or can be synchronized to an external data clock. The
ADS7808 also provides an output synchronization pulse for
ease of use with standard DSP processors.
The ADS7808 is specified at a 100kHz sampling rate, and
specified over the full temperature range. Laser-trimmed
scaling resistors provide various input ranges including
±10V
and 0V to 5V, while an innovative design operates from a
single +5V supply, with power dissipation under 100mW.
The ADS7808 is available in a 0.3" SO-20, fully specified for
operation over the industrial –40
°C to +85°C range.
10k
CDAC
4k
20k
5k
Internal
+2.5V Ref
Clock
BUSY
Data Clock
Serial Data
Successive Approximation Register and Control Logic
Serial
Data
Out
Comparator
Buffer
20k
R/C
CS
R1
IN
R2
IN
R3
IN
REF
Power Down
CAP
ADS7808
SBAS018A – JANUARY 1992 – REVISED SEPTEMBER 2003
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1992-2003, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
All trademarks are the property of their respective owners.
ADS
7808


Podobny numer części - ADS7808UBG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7808UB BURR-BROWN-ADS7808UB Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
More results

Podobny opis - ADS7808UBG4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS7808 BURR-BROWN-ADS7808 Datasheet
251Kb / 10P
   12-Bit 10ms Serial CMOS Sampling ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS8508 TI1-ADS8508_14 Datasheet
504Kb / 28P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8508 TI-ADS8508 Datasheet
631Kb / 27P
[Old version datasheet]   12-BIT 250-KSPS SERIAL CMOS SAMPLING ANALOG-TO-DIGITAL CONVERTER
logo
Sipex Corporation
SP8531 SIPEX-SP8531 Datasheet
254Kb / 16P
   12-Bit Sampling Serial Out Analog to Digital Converter
logo
Burr-Brown (TI)
ADS7819 BURR-BROWN-ADS7819 Datasheet
317Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7831 BURR-BROWN-ADS7831 Datasheet
313Kb / 10P
   12-Bit 600kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7804 BURR-BROWN-ADS7804 Datasheet
182Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7810 BURR-BROWN-ADS7810 Datasheet
208Kb / 11P
   12-Bit 800kHz Sampling CMOS ANALOG-to-DIGITAL CONVERTER
ADS7820 BURR-BROWN-ADS7820 Datasheet
280Kb / 10P
   12-Bit 10ms Sampling CMOS ANALOG-to-DIGITAL CONVERTER
logo
Texas Instruments
ADS7812 TI1-ADS7812 Datasheet
1,014Kb / 25P
[Old version datasheet]   Low-Power, Serial 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com