Zakładka z wyszukiwarką danych komponentów |
|
BYM13-50 Arkusz danych(PDF) 1 Page - Seme LAB |
|
BYM13-50 Arkusz danych(HTML) 1 Page - Seme LAB |
1 / 4 page Vishay General Semiconductor BYM13-20 thru BYM13-60, SGL41-20 thru SGL41-60 Document Number 88548 03-Nov-06 www.vishay.com 1 Surface Mount Schottky Barrier Rectifier FEATURES • MELF Schottky rectifier • Ideal for automated placement • Guardring for overvoltage protection • Low power losses, high efficiency • Low forward voltage drop • High surge capability • Meets MSL level 1, per J-STD-020C, LF max peak of 250 °C • Solder Dip 260 °C, 40 seconds • Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC TYPICAL APPLICATIONS For use in low voltage high frequency inverters, free- wheeling, dc-to-dc converters, and polarity protection applications MECHANICAL DATA Case: DO-213AB Epoxy meets UL 94V-0 flammability rating Terminals: Matte tin plated leads, solderable per J-STD-002B and JESD22-B102D E3 suffix for commercial grade, HE3 suffix for high reliability grade (AEC Q101 qualified) Polarity: Two bands indicate cathode end 1st band denotes device type 2nd band denotes voltage type DO-213AB MAJOR RATINGS AND CHARACTERISTICS IF(AV) 1.0 A VRRM 20 V to 60 V IFSM 30 A VF 0.50 V, 0.70 V Tj max. 125 °C, 150 °C MAXIMUM RATINGS (TA = 25 °C unless otherwise noted) PARAMETER SYMBOL BYM13-20 BYM13-30 BYM13-40 BYM13-50 BYM13-60 UNIT Denotes Schottky devices: 1st band is orange SGL41-20 SGL41-30 SGL41-40 SGL41-50 SGL41-60 Polarity color bands (2nd band) voltage type Gray Red Orange Yellow Green Maximum repetitive peak reverse voltage VRRM 20 30 40 50 60 V Maximum RMS voltage VRMS 14 21 28 35 42 V Maximum DC blocking voltage VDC 20 30 40 50 60 V Maximum average forward rectified current (see Fig. IF(AV) 1.0 A Peak forward surge current 8.3 ms single half sine- wave superimposed on rated load IFSM 30 A Voltage rate of change (rated VR) dv/dt 10000 V/µs Operating junction temperature range TJ - 55 to + 125 - 55 to + 150 °C Storage temperature range TSTG - 55 to + 150 °C |
Podobny numer części - BYM13-50 |
|
Podobny opis - BYM13-50 |