Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA1517 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części TPA1517
Szczegółowy opis  6-W STEREO AUDIO POWER AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA1517 Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA1517_07 Datasheet HTML 1Page - Texas Instruments TPA1517_07 Datasheet HTML 2Page - Texas Instruments TPA1517_07 Datasheet HTML 3Page - Texas Instruments TPA1517_07 Datasheet HTML 4Page - Texas Instruments TPA1517_07 Datasheet HTML 5Page - Texas Instruments TPA1517_07 Datasheet HTML 6Page - Texas Instruments TPA1517_07 Datasheet HTML 7Page - Texas Instruments TPA1517_07 Datasheet HTML 8Page - Texas Instruments TPA1517_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
www.ti.com
FEATURES
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
IN1
SGND
SVRR
OUT1
PGND
OUT2
VCC
M/SB
IN2
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
GND/HS
NE PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
GND/HS
IN1
NC
SGND
SVRR
NC
OUT1
OUT1
PGND
GND/HS
GND/HS
IN2
NC
M/SB
VCC
NC
OUT2
OUT2
PGND
GND/HS
DWP PACKAGE
(TOP VIEW)
Cross Section View Showing PowerPAD
NC – No internal connection
DESCRIPTION
TPA1517
SLOS162D – MARCH 1997 – REVISED FEBRUARY 2007
6-W STEREO AUDIO POWER AMPLIFIER
• Thermal Protection
• TDA1517P Compatible
• Fixed Gain: 20 dB
• High Power Outputs (6 W/Channel)
• Mute and Standby Operation
• Surface Mount Availability 20-Pin Thermal
• Supply Range: 9.5 V - 18 V
SOIC PowerPAD™
The TPA1517 is a stereo audio power amplifier that contains two identical amplifiers capable of delivering 6 W
per channel of continuous average power into a 4-
Ω load at 10% THD+N or 5 W per channel at 1% THD+N.
The gain of each channel is fixed at 20 dB. The amplifier features a mute/standby function for power-sensitive
applications. The amplifier is available in the PowerPAD™ 20-pin surface-mount thermally-enhanced package
(DWP) that reduces board space and facilitates automated assembly while maintaining exceptional thermal
characteristics. It is also available in the 20-pin thermally enhanced DIP package (NE).
AVAILABLE OPTIONS
PACKAGED DEVICES(1)
TA
THERMALLY ENHANCED
THERMALLY ENHANCED
PLASTIC DIP
SURFACE MOUNT (DWP)(2)
-40
°C to 85°C
TPA1517NE
TPA1517DWP(2)
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI Web site at www.ti.com.
(2)
The DWP package is available taped and reeled. To order a taped and reeled part, add the suffix R
(e.g., TPA1517DWPR).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TPA1517_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA1517DWP TI-TPA1517DWP Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWP TI1-TPA1517DWP Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPG4 TI1-TPA1517DWPG4 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPR TI1-TPA1517DWPR Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517DWPRG4 TI1-TPA1517DWPRG4 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA1517_07

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA1517 TI-TPA1517 Datasheet
352Kb / 20P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI-TPA1517_15 Datasheet
674Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA1517 TI1-TPA1517_17 Datasheet
927Kb / 23P
[Old version datasheet]   6-W STEREO AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2 Datasheet
379Kb / 25P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA3005D2 TI-TPA3005D2_15 Datasheet
927Kb / 31P
[Old version datasheet]   6-W STEREO CLASS-D AUDIO POWER AMPLIFIER
TPA0102 TI-TPA0102 Datasheet
743Kb / 38P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020A ANPEC-APA2020A Datasheet
638Kb / 25P
   Stereo 2-W Audio Power Amplifier
logo
Texas Instruments
TPA0202 TI-TPA0202 Datasheet
803Kb / 42P
[Old version datasheet]   2-W STEREO AUDIO POWER AMPLIFIER
TPA0102 TI1-TPA0102_16 Datasheet
1Mb / 45P
[Old version datasheet]   1.5-W STEREO AUDIO POWER AMPLIFIER
logo
Anpec Electronics Corop...
APA2020 ANPEC-APA2020 Datasheet
269Kb / 25P
   Stereo 2-W Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com