Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2000D1-Q1 Arkusz danych(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA2000D1-Q1
Szczegółowy opis  2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2000D1-Q1 Arkusz danych(HTML) 2 Page - Texas Instruments

  TPA2000D1-Q1 Datasheet HTML 1Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 2Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 3Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 4Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 5Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 6Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 7Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 8Page - Texas Instruments TPA2000D1-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
TPA2000D1Q1
2W FILTERLESS MONO CLASSD AUDIO POWER AMPLIFIER
SGLS137B− SEPTEMBER 2002 − REVISED SEPTEMBER 2004
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
functional block diagram
Gate
Drive
_
+
Gate
Drive
_
+
_
+
_
+
Gain
Adjust
Gain
Adjust
Start-Up
Protection
Logic
OC
Detect
Thermal
VDD ok
Ramp
Generator
Biases
and
References
Gain
2
AGND
VDD
VDD
PVDD
INN
OUTN
PGND
PVDD
OUTP
PGND
INP
SHUTDOWN
GAIN1
GAIN0
COSC
ROSC
BYPASS
_
+
_
+
Deglitch
Logic
Deglitch
Logic
Terminal Functions
TERMINAL
NAME
NO.
I/O
DESCRIPTION
NAME
GQC
PW
I/O
DESCRIPTION
AGND
A3 − A5,
B2 − B6
C2 − C6
D2 − D4
15
I
Analog ground
BYPASS
A6
16
I
Connect capacitor to ground for BYPASS voltage filtering.
COSC
B7
14
I
Connect capacitor to ground to set oscillation frequency.
GAIN0
C1
4
I
Bit 0 of gain control (TTL logic level)
GAIN1
D1
5
I
Bit 1 of gain control (TTL logic level)
INN
A1
2
I
Negative differential input
INP
A2
1
I
Positive differential input
OUTN
G7
10
O
Negative BTL output
OUTP
G1
7
O
Positive BTL output
PGND
D5, D6
E2 − E6
F2 − F6
G2 − G6
8, 9
I
High-current grounds
PVDD
E1, E7,
F1, F7
6, 11
I
High-current power supplies
ROSC
C7
13
I
Connect resistor to ground to set oscillation frequency.
SHUTDOWN
B1
3
I
Places the amplifier in shutdown mode if a TTL logic low is placed on this terminal, and normal
operation if a TTL logic high is placed on this terminal.
VDD
D7
12
I
Analog power supply


Podobny numer części - TPA2000D1-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2000D1-Q1 TI-TPA2000D1-Q1 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results

Podobny opis - TPA2000D1-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1-Q1 TI-TPA2000D1-Q1_15 Datasheet
797Kb / 22P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_15 Datasheet
807Kb / 24P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2000D1 TI-TPA2000D1_06 Datasheet
267Kb / 20P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_13 Datasheet
775Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
LY8010 LYONTEK-LY8010_13 Datasheet
823Kb / 21P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
List of Unclassifed Man...
EUA2005 ETC2-EUA2005 Datasheet
831Kb / 14P
   1.5-W Mono Filterless Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com