Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA2005D1GQYR Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części TPA2005D1GQYR
Szczegółowy opis  1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA2005D1GQYR Arkusz danych(HTML) 2 Page - Texas Instruments

  TPA2005D1GQYR Datasheet HTML 1Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 2Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 3Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 4Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 5Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 6Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 7Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 8Page - Texas Instruments TPA2005D1GQYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
TPA2005D1-Q1
SLOS474 – AUGUST 2005
These devices have limited built-in ESD protection. The leads should be shorted together or the device
placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates.
ORDERING INFORMATION
TA
PACKAGE
PART NUMBER
SYMBOL
MicroStar Junior™ (GQY)
TPA2005D1GQYR(1)
PREVIEW
MicroStar Junior™ (ZQY)(2)
TPA2005D1ZQYR(1)
PREVIEW
-40
°C to 85°C
8-pin QFN (DRB)
TPA2005D1DRBR (1)
BIQ
8-pin MSOP (DGN)
TPA2005D1DGN(R)
PREVIEW
(1)
The GQY, ZQY, and DRB packages are only available taped and reeled. An R at the end of the part number indicates the devices are
taped and reeled.
(2)
The GQY is the standard MicroStar Junior™ package. The ZQY is lead-free option, and is qualified for 260
° lead-free assembly.
over operating free-air temperature range unless otherwise noted(1)
UNIT
In active mode
-0.3 V to 6 V
VDD
Supply voltage(2)
In SHUTDOWN mode
-0.3 V to 7 V
VI
Input voltage
-0.3 V to VDD + 0.3 V
Continuous total power dissipation
See Dissipation Rating Table
TA
Operating free-air temperature
-40
°C to 85°C
TJ
Operating junction temperature
-40
°C to 150°C
Tstg
Storage temperature
-65
°C to 85°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
For the MSOP (DGN) package option, the maximum VDD should be limited to 5 V if short-circuit protection is desired.
MIN
NOM
MAX
UNIT
VDD
Supply voltage
2.5
5.5
V
VIH
High-level input voltage
SHUTDOWN
2
VDD
V
VIL
Low-level input voltage
SHUTDOWN
0
0.7
V
RI
Input resistor
Gain
≤ 20 V/V (26 dB)
15
k
VIC
Common-mode input voltage range
VDD = 2.5 V, 5.5 V, CMRR ≤ -49 dB
0.5
VDD-0.8
V
TA
Operating free-air temperature
-40
85
°C
DERATING
TA ≤ 25°C
TA = 70°C
TA = 85°C
PACKAGE
FACTOR
POWER RATING
POWER RATING
POWER RATING
GQY, ZQY
16 mW/
°C
2 W
1.28 W
1.04 W
DRB
21.8 mW/
°C
2.7 W
1.7 W
1.4 W
DGN
17.1 mW/
°C
2.13 W
1.36 W
1.11 W
2


Podobny numer części - TPA2005D1GQYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2005D1GQYR TI-TPA2005D1GQYR Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
TPA2005D1GQYR TI1-TPA2005D1GQYR Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1GQYR TI1-TPA2005D1GQYR Datasheet
1Mb / 42P
[Old version datasheet]   MONO Filter-Free Class-D Audio Power Amplifier
More results

Podobny opis - TPA2005D1GQYR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA2005D1-Q1 TI-TPA2005D1-Q1_15 Datasheet
1Mb / 29P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2005D1DRBRG4 TI1-TPA2005D1DRBRG4 Datasheet
1Mb / 32P
[Old version datasheet]   1.4-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA3000D1 TI-TPA3000D1 Datasheet
262Kb / 19P
[Old version datasheet]   17-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1 Datasheet
415Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_15 Datasheet
1,018Kb / 25P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2031D1 TI-TPA2031D1 Datasheet
785Kb / 24P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
TPA2010D1 TI-TPA2010D1_06 Datasheet
591Kb / 23P
[Old version datasheet]   2.5-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
STMicroelectronics
TS4962 STMICROELECTRONICS-TS4962_10 Datasheet
592Kb / 44P
   2.8 W filter-free mono class D audio power amplifier
logo
List of Unclassifed Man...
TMPA2055DM ETC-TMPA2055DM Datasheet
219Kb / 11P
   2.7-W MONO FILTER-FREE CLASS-D AUDIO POWER AMPLIFIER
logo
Texas Instruments
TPA2005D1 TI-TPA2005D1 Datasheet
290Kb / 22P
[Old version datasheet]   1.1 W MONO FILTER FREE CLASS D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com