Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TPA3002D2PHP Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TPA3002D2PHP
Szczegółowy opis  9-W STEREO CLASS-D AUDIO POWER AMPLFIER WITH DC VOLUME CONTROL
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TPA3002D2PHP Arkusz danych(HTML) 1 Page - Texas Instruments

  TPA3002D2PHP Datasheet HTML 1Page - Texas Instruments TPA3002D2PHP Datasheet HTML 2Page - Texas Instruments TPA3002D2PHP Datasheet HTML 3Page - Texas Instruments TPA3002D2PHP Datasheet HTML 4Page - Texas Instruments TPA3002D2PHP Datasheet HTML 5Page - Texas Instruments TPA3002D2PHP Datasheet HTML 6Page - Texas Instruments TPA3002D2PHP Datasheet HTML 7Page - Texas Instruments TPA3002D2PHP Datasheet HTML 8Page - Texas Instruments TPA3002D2PHP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
TPA3002D2
SLOS402C − DECEMBER 2002 − REVISED JANUARY 2004
9W STEREO CLASSD AUDIO POWER AMPLIFIER
WITH DC VOLUME CONTROL
FEATURES
D 9-W/Ch Into an 8-Ω Load From 12-V Supply
D Efficient, Class-D Operation Eliminates
Heatsinks and Reduces Power Supply
Requirements
D 32-Step DC Volume Control From −40 dB to
36 dB
D Line Outputs For External Headphone
Amplifier With Volume Control
D Regulated 5-V Supply Output for Powering
TPA6110A2
D Space-Saving, Thermally-Enhanced
PowerPAD
 Packaging
D Thermal and Short-Circuit Protection
APPLICATIONS
D LCD Monitors and TVs
D Powered Speakers
DESCRIPTION
The TPA3002D2 is a 9-W (per channel) efficient, Class-D
audio amplifier for driving bridged-tied stereo speakers.
The TPA3002D2 can drive stereo speakers as low as 8
Ω.
The high efficiency of the TPA3002D2 eliminates the need
for external heatsinks when playing music.
Stereo speaker volume is controlled with a dc voltage
applied to the volume control terminal offering a range of
gain from –40 dB to 36 dB. Line outputs, for driving external
headphone amplifier inputs, are also dc voltage controlled
with a range of gain from –56 dB to 20 dB.
An integrated 5-V regulated supply is provided for
powering an external headphone amplifier.
Cs
Cs
10 nF
Cbs
Cs
Cs
10 nF
Cbs
PVCC
PVCC
Cs
Cs
10 nF
Cbs
Cs
Cs
10 nF
Cbs
PVCC
PVCC
220 pF
Cosc
Rosc
Ccpl
100 nF
Cvdd
Ccpr
Crinp
Crinn
Clinn
Clinp
LINP
LINN
RINN
RINP
SDZ
VREF
VOL
REFGND
VARDIFF
VARMAX
TPA3002D2
VCLAMPR
SD
V2P5
RINP
LINN
LINP
AVDDREF
VREF
VARDIFF
VARMAX
VOLUME
REFGND
MODE
MODE_OUT
VAROUTR
VAROUTL
AVDD
AGND
COSC
ROSC
AVCC
VCLAMPL
RINN
AVDD
AVCC
C2p5
AGND
10
µF
10
µF
0.1
µF
0.1
µF
1
µF
1
µF
1
µF
1
µF
1
µF
0.1
µF
0.1
µF
10
µF
10
µF
1
µF
120 k
1
µF
10
k
10
k
Cs
0.1
µF
Cvcc
10
µF
MODE_OUT
MODE
RLINE_OUT
LLINE_OUT
PRODUCTION DATA information is current as of publication date. Products
conform to specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments
semiconductor products and disclaimers thereto appears at the end of this data sheet.
www.ti.com
Copyright
 2002−2004, Texas Instruments Incorporated
PowerPAD is a trademark of Texas Instruments.


Podobny numer części - TPA3002D2PHP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3002D2PHP TI-TPA3002D2PHP Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results

Podobny opis - TPA3002D2PHP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TPA3002D2 TI-TPA3002D2 Datasheet
372Kb / 34P
[Old version datasheet]   9-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_07 Datasheet
736Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004 TI-TPA3004 Datasheet
696Kb / 43P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3003D2 TI-TPA3003D2 Datasheet
489Kb / 33P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_07 Datasheet
644Kb / 24P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA2008D2 TI-TPA2008D2_15 Datasheet
697Kb / 26P
[Old version datasheet]   3-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
TPA3004D2 TI-TPA3004D2_15 Datasheet
879Kb / 47P
[Old version datasheet]   12-W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Power Analog Micoelectr...
PAM8610 PAM-PAM8610 Datasheet
326Kb / 17P
   10W Stereo Class-D Audio Power Amplifier with DC Volume Control
logo
Diodes Incorporated
PAM8610 DIODES-PAM8610 Datasheet
426Kb / 15P
   10W STEREO CLASS-D AUDIO POWER AMPLIFIER WITH DC VOLUME CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com