Zakładka z wyszukiwarką danych komponentów |
|
CDCL6010RGZRG4 Arkusz danych(PDF) 10 Page - Texas Instruments |
|
|
CDCL6010RGZRG4 Arkusz danych(HTML) 10 Page - Texas Instruments |
10 / 24 page www.ti.com SDA/SCL INTERFACE SDA/SCL Bus Slave Device Address Command Code Definition CDCL6010 SLLS780 – FEBRUARY 2007 This section describes the SDA/SCL interface of the The device address is made up of the fixed internal CDCL6010 device. The CDCL6010 operates as a address, 11010 (A6:A2), and configurable external slave device of the industry standard 2-pin SDA/SCL pins ADD1 (A1) and ADD0 (A0). Four different bus. It operates in the fast-mode at a bit-rate of up to devices with addresses 1101000, 1101001, 1101010 400kbit/s and supports 7-bit addressing compatible and 1101011, can be addressed via the same with the popular two-pin serial interface standard. SDA/SCL bus interface. The least significant bit of the address byte designates a write or read operation. A6 A5 A4 A3 A2 A1 A0 R/W R/W Bit: 1 1 0 1 0 ADD1 ADD0 0/1 0 = Write to CDCL6010 device 1 = Read from CDCL6010 device BIT DESCRIPTION C7 1 = Byte Write / Read or Word Write / Read operation (C6:C0) Byte Offset for Byte Write / Read and Word Write / Read operation. Command Code for Byte Write / Read Hex Operation Code C7 C6 C5 C4 C3 C2 C1 C0 Byte 0 80h 1 0 0 0 0 0 0 0 Byte 1 81h 1 0 0 0 0 0 0 1 Byte 2 82h 1 0 0 0 0 0 1 0 Byte 3 83h 1 0 0 0 0 0 1 1 Byte 4 84h 1 0 0 0 0 1 0 0 Byte 5 85h 1 0 0 0 0 1 0 1 Byte 6 86h 1 0 0 0 0 1 1 0 Byte 7 87h 1 0 0 0 0 1 1 1 Command Code for Word Write / Read Hex Operation Code C7 C6 C5 C4 C3 C2 C1 C0 Word 0: Byte 0 and byte 1 80h 1 0 0 0 0 0 0 0 Word 1: Byte 1 and byte 2 81h 1 0 0 0 0 0 0 1 Word 2: Byte 2 and byte 3 82h 1 0 0 0 0 0 1 0 Word 3: Byte 3 and byte 4 83h 1 0 0 0 0 0 1 1 Word 4: Byte 4 and byte 5 84h 1 0 0 0 0 1 0 0 Word 5: Byte 5 and byte 6 85h 1 0 0 0 0 1 0 1 Word 6: Byte 6 and byte 7 86h 1 0 0 0 0 1 1 0 Word 7: Byte 7 87h 1 0 0 0 0 1 1 1 10 Submit Documentation Feedback |
Podobny numer części - CDCL6010RGZRG4 |
|
Podobny opis - CDCL6010RGZRG4 |