Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATMEGA32-16AC Arkusz danych(PDF) 42 Page - ATMEL Corporation

Numer części ATMEGA32-16AC
Szczegółowy opis  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
Download  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32-16AC Arkusz danych(HTML) 42 Page - ATMEL Corporation

Back Button ATMEGA32-16AC Datasheet HTML 38Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 39Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 40Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 41Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 42Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 43Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 44Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 45Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 46Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 347 page
background image
42
ATmega32(L)
2503J–AVR–10/06
Watchdog Timer Control
Register – WDTCR
• Bits 7..5 – Res: Reserved Bits
These bits are reserved bits in the ATmega32 and will always read as zero.
• Bit 4 – WDTOE: Watchdog Turn-off Enable
This bit must be set when the WDE bit is written to logic zero. Otherwise, the Watchdog
will not be disabled. Once written to one, hardware will clear this bit after four clock
cycles. Refer to the description of the WDE bit for a Watchdog disable procedure.
• Bit 3 – WDE: Watchdog Enable
When the WDE is written to logic one, the Watchdog Timer is enabled, and if the WDE is
written to logic zero, the Watchdog Timer function is disabled. WDE can only be cleared
if the WDTOE bit has logic level one. To disable an enabled Watchdog Timer, the follow-
ing procedure must be followed:
1.
In the same operation, write a logic one to WDTOE and WDE. A logic one must
be written to WDE even though it is set to one before the disable operation starts.
2.
Within the next four clock cycles, write a logic 0 to WDE. This disables the
Watchdog.
• Bits 2..0 – WDP2, WDP1, WDP0: Watchdog Timer Prescaler 2, 1, and 0
The WDP2, WDP1, and WDP0 bits determine the Watchdog Timer prescaling when the
Watchdog Timer is enabled. The different prescaling values and their corresponding
Timeout Periods are shown in Table 17.
Bit
765
4
321
0
WDTOE
WDE
WDP2
WDP1
WDP0
WDTCR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
0
0
0
0
0
Table 17. Watchdog Timer Prescale Select
WDP2
WDP1
WDP0
Number of WDT
Oscillator Cycles
Typical Time-out
at VCC = 3.0V
Typical Time-out
at VCC = 5.0V
0
0
0
16K (16,384)
17.1 ms
16.3 ms
0
0
1
32K (32,768)
34.3 ms
32.5 ms
0
1
0
64K (65,536)
68.5 ms
65 ms
0
1
1
128K (131,072)
0.14 s
0.13 s
1
0
0
256K (262,144)
0.27 s
0.26 s
1
0
1
512K (524,288)
0.55 s
0.52 s
1
1
0
1,024K (1,048,576)
1.1 s
1.0 s
1
1
1
2,048K (2,097,152)
2.2 s
2.1 s


Podobny numer części - ATMEGA32-16AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA32-16AC ATMEL-ATMEGA32-16AC Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results

Podobny opis - ATMEGA32-16AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA32 ATMEL-ATMEGA32 Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
8Mb / 294P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com