Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ATMEGA32-16AC Arkusz danych(PDF) 59 Page - ATMEL Corporation

Numer części ATMEGA32-16AC
Szczegółowy opis  8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
Download  347 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATMEGA32-16AC Arkusz danych(HTML) 59 Page - ATMEL Corporation

Back Button ATMEGA32-16AC Datasheet HTML 55Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 56Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 57Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 58Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 59Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 60Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 61Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 62Page - ATMEL Corporation ATMEGA32-16AC Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 347 page
background image
59
ATmega32(L)
2503J–AVR–10/06
Table 26. Overriding Signals for Alternate Functions in PB7..PB4
Signal
Name
PB7/SCK
PB6/MISO
PB5/MOSI
PB4/SS
PUOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
PUOV
PORTB7 • PUD
PORTB6 • PUD
PORTB5 • PUD
PORTB4 • PUD
DDOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
SPE • MSTR
DDOV
0
0
0
0
PVOE
SPE • MSTR
SPE • MSTR
SPE • MSTR
0
PVOV
SCK OUTPUT
SPI SLAVE OUTPUT
SPI MSTR OUTPUT
0
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
SCK INPUT
SPI MSTR INPUT
SPI SLAVE INPUT
SPI SS
AIO
Table 27. Overriding Signals for Alternate Functions in PB3..PB0
Signal
Name
PB3/OC0/AIN1
PB2/INT2/AIN0
PB1/T1
PB0/T0/XCK
PUOE
0
0
0
0
PUOV
0
0
0
0
DDOE
0
0
0
0
DDOV
0
0
0
0
PVOE
OC0 ENABLE
0
0
UMSEL
PVOV
OC0
0
0
XCK OUTPUT
DIEOE
0
INT2 ENABLE
0
0
DIEOV
0
1
0
0
DI
INT2 INPUT
T1 INPUT
XCK INPUT/T0 INPUT
AIO
AIN1 INPUT
AIN0 INPUT


Podobny numer części - ATMEGA32-16AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA32-16AC ATMEL-ATMEGA32-16AC Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
More results

Podobny opis - ATMEGA32-16AC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
ATMEGA32 ATMEL-ATMEGA32 Datasheet
4Mb / 317P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA328P ATMEL-ATMEGA328P Datasheet
8Mb / 294P
   8-bit AVR Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_08 Datasheet
332Kb / 22P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P_06 Datasheet
3Mb / 336P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_08 Datasheet
471Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA324PA ATMEL-ATMEGA324PA Datasheet
546Kb / 24P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32A ATMEL-ATMEGA32A Datasheet
427Kb / 18P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA325P ATMEL-ATMEGA325P Datasheet
346Kb / 25P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA32 ATMEL-ATMEGA32_08 Datasheet
5Mb / 346P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
ATMEGA329P ATMEL-ATMEGA329P_1 Datasheet
5Mb / 385P
   8-bit Microcontroller with 32K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com