Zakładka z wyszukiwarką danych komponentów |
|
SN74AHC125RGYR Arkusz danych(PDF) 4 Page - Texas Instruments |
|
|
SN74AHC125RGYR Arkusz danych(HTML) 4 Page - Texas Instruments |
4 / 21 page SN54AHC125, SN74AHC125 QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS SCLS256J – DECEMBER 1995 – REVISED JULY 2003 4 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC125 SN74AHC125 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH A Y CL =15 pF 5.6* 8* 1* 9.5* 1 9.5 ns tPHL A Y CL = 15 pF 5.6* 8* 1* 9.5* 1 9.5 ns tPZH OE Y CL =15 pF 5.4* 8* 1* 9.5* 1 9.5 ns tPZL OE Y CL = 15 pF 5.4* 8* 1* 9.5* 1 9.5 ns tPHZ OE Y CL =15 pF 7* 9.7* 1* 11.5* 1 11.5 ns tPLZ OE Y CL = 15 pF 7* 9.7* 1* 11.5* 1 11.5 ns tPLH A Y CL =50 pF 8.1 11.5 1 13 1 13 ns tPHL A Y CL = 50 pF 8.1 11.5 1 13 1 13 ns tPZH OE Y CL =50 pF 7.9 11.5 1 13 1 13 ns tPZL OE Y CL = 50 pF 7.9 11.5 1 13 1 13 ns tPHZ OE Y CL =50 pF 9.5 13.2 1 15 1 15 ns tPLZ OE Y CL = 50 pF 9.5 13.2 1 15 1 15 ns tsk(o) OE Y CL = 50 pF 1.5** 1.5 ns ∗ On products compliant to MIL-PRF-38535, this parameter is not production tested. ∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply. switching characteristics over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1) PARAMETER FROM TO LOAD TA = 25°C SN54AHC125 SN74AHC125 UNIT PARAMETER (INPUT) (OUTPUT) CAPACITANCE MIN TYP MAX MIN MAX MIN MAX UNIT tPLH A Y CL =15 pF 3.8* 5.5* 1* 6.5* 1 6.5 ns tPHL A Y CL = 15 pF 3.8* 5.5* 1* 6.5* 1 6.5 ns tPZH OE Y CL =15 pF 3.6* 5.1* 1* 6* 1 6 ns tPZL OE Y CL = 15 pF 3.6* 5.1* 1* 6* 1 6 ns tPHZ OE Y CL =15 pF 4.6* 6.8* 1* 8* 1 8 ns tPLZ OE Y CL = 15 pF 4.6* 6.8* 1* 8* 1 8 ns tPLH A Y CL =50 pF 5.3 7.5 1 8.5 1 8.5 ns tPHL A Y CL = 50 pF 5.3 7.5 1 8.5 1 8.5 ns tPZH OE Y CL =50 pF 5.1 7.1 1 8 1 8 ns tPZL OE Y CL = 50 pF 5.1 7.1 1 8 1 8 ns tPHZ OE Y CL =50 pF 6.1 8.8 1 10 1 10 ns tPLZ OE Y CL = 50 pF 6.1 8.8 1 10 1 10 ns tsk(o) CL = 50 pF 1** 1 ns ∗ On products compliant to MIL-PRF-38535, this parameter is not production tested. ∗∗ On products compliant to MIL-PRF-38535, this parameter does not apply. |
Podobny numer części - SN74AHC125RGYR |
|
Podobny opis - SN74AHC125RGYR |