Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLC0820AIFN Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TLC0820AIFN
Szczegółowy opis  Advanced LinCMOS TM HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TLC0820AIFN Arkusz danych(HTML) 5 Page - Texas Instruments

  TLC0820AIFN Datasheet HTML 1Page - Texas Instruments TLC0820AIFN Datasheet HTML 2Page - Texas Instruments TLC0820AIFN Datasheet HTML 3Page - Texas Instruments TLC0820AIFN Datasheet HTML 4Page - Texas Instruments TLC0820AIFN Datasheet HTML 5Page - Texas Instruments TLC0820AIFN Datasheet HTML 6Page - Texas Instruments TLC0820AIFN Datasheet HTML 7Page - Texas Instruments TLC0820AIFN Datasheet HTML 8Page - Texas Instruments TLC0820AIFN Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
TLC0820AC, TLC0820AI
Advanced LinCMOS
™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL
CONVERTERS USING MODIFIED FLASH TECHNIQUES
SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994
2–5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified operating free-air temperature, VCC = 5 V (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
V
Hi h l
l
t
t
lt
D0 –D7, INT, or
VCC = 4.75 V,
IOH = – 360 µA
Full range
2.4
V
VOH
High-level output voltage
D0 D7, INT, or
OFLW
VCC = 4.75 V,
Full range
4.5
V
CC
,
IOH = – 10 µA
25
°C
4.6
VOL
Low level output voltage
D0 – D7, OFLW, INT,
VCC = 5.25 V,
Full range
0.4
V
VOL
Low-level output voltage
D0 D7, OFLW, INT,
or WR/RDY
CC
,
IOL = 1.6 mA
25
°C
0.34
V
CS or RD
Full range
0.005
1
WR/RDY
Full range
3
IIH
High-level input current
WR/RDY
VIH = 5 V
25
°C
0.1
0.3
µA
MODE
Full range
200
MODE
25
°C
50
170
IIL
Low-level input current
CS, WR/RDY, RD,
or MODE
VIL = 0
Full range
– 0.005
–1
µA
VO =5V
Full range
3
IOZ
Off-state (high-impedance-state)
D0 D7 or WR/RDY
VO = 5 V
25
°C
0.1
0.3
µA
IOZ
(g
)
output current
D0 – D7 or WR/RDY
VO =0
Full range
–3
µA
VO = 0
25
°C
– 0.1
– 0.3
CS at 5 V
VI =5V
Full range
3
II
Analog input current
CS at 5 V,
VI = 5 V
25
°C
0.3
µA
II
Analog input current
CS at 5 V
VI =0
Full range
–3
µA
CS at 5 V,
VI = 0
25
°C
– 0.3
D0 – D7, OFLW, INT,
VO =5V
Full range
7
D0 D7, OFLW, INT,
or WR/RDY
VO = 5 V
25
°C
8.4
14
IOS
Short circuit output current
D0 D7 or OFLW
Full range
–6
mA
IOS
Short-circuit output current
D0 – D7 or OFLW
VO =0
25
°C
– 7.2
–12
mA
INT
VO = 0
Full range
– 4.5
INT
25
°C
– 5.3
–9
R f
Reference resistance
Full range
1.25
6
k
Rref
Reference resistance
25
°C
1.4
2.3
5.3
k
ICC
Supply current
CS, WR/RDY, and
Full range
15
mA
ICC
Supply current
CS, WR/RDY, and
RD at 0 V
25
°C
7.5
13
mA
Ci
Input capacitance
D0 – D7
Full range
5
pF
Ci
Input capacitance
ANLG IN
Full range
45
pF
Co
Output capacitance
D0 – D7
Full range
5
pF
† Full range is as specified in recommended operating conditions.


Podobny numer części - TLC0820AIFN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC0820AIFN TI-TLC0820AIFN Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AIFN TI-TLC0820AIFN Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AIFN TI1-TLC0820AIFN Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AIFN TI1-TLC0820AIFN Datasheet
749Kb / 17P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AIFNG3 TI-TLC0820AIFNG3 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
More results

Podobny opis - TLC0820AIFN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TLC0820A TI1-TLC0820A Datasheet
511Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI1-TLC0820AC_14 Datasheet
749Kb / 17P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC Datasheet
174Kb / 11P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC0820AC TI-TLC0820AC_07 Datasheet
251Kb / 15P
[Old version datasheet]   Advanced LinCMOSE HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES
TLC5510 TI1-TLC5510_03 Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSRG4 TI1-TLC5510AINSRG4 Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510IPWR TI1-TLC5510IPWR Datasheet
667Kb / 20P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510AINSR TI1-TLC5510AINSR Datasheet
233Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI1-TLC5510_14 Datasheet
681Kb / 21P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
TLC5510 TI-TLC5510 Datasheet
218Kb / 15P
[Old version datasheet]   8-BIT HIGH-SPEED ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com