Zakładka z wyszukiwarką danych komponentów |
|
TLC0820ACDWG4 Arkusz danych(PDF) 9 Page - Texas Instruments |
|
|
TLC0820ACDWG4 Arkusz danych(HTML) 9 Page - Texas Instruments |
9 / 13 page TLC0820AC, TLC0820AI Advanced LinCMOS ™ HIGH-SPEED 8-BIT ANALOG-TO-DIGITAL CONVERTERS USING MODIFIED FLASH TECHNIQUES SLAS064A – SEPTEMBER 1986 – REVISED JUNE 1994 2–9 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PRINCIPLES OF OPERATION The TLC0820AC and TLC0820AI each employ a combination of sampled-data comparator techniques and flash techniques common to many high-speed converters. Two 4-bit flash analog-to-digital conversions are used to give a full 8-bit output. The recommended analog input voltage range for conversion is – 0.1 V to VCC + 0.1 V. Analog input signals that are less than Vref– + 1/2 LSB or greater than Vref+ – 1/2 LSB convert to 00000000 or 11111111, respectively. The reference inputs are fully differential with common-mode limits defined by the supply rails. The reference input values define the full-scale range of the analog input. This allows the gain of the ADC to be varied for ratiometric conversion by changing the Vref+ and Vref– voltages. The device operates in two modes, read (only) and write-read, that are selected by MODE. The converter is set to the read (only) mode when MODE is low. In the read mode, WR/RDY is used as an output and is referred to as the ready terminal. In this mode, a low on WR/RDY while CS is low indicates that the device is busy. Conversion starts on the falling edge of RD and is completed no more than 2.5 µs later when INT falls and WR/RDY returns to the high-impedance state. Data outputs also change from high-impedance to active states at this time. After the data is read, RD is taken high, INT returns high, and the data outputs return to their high-impedance states. When MODE is high, the converter is set to the write-read mode and WR/RDY is referred to as the write terminal. Taking CS and WR/RDY low selects the converter and initiates measurement of the input signal. Approximately 600 ns after WR/RDY returns high, the conversion is completed. Conversion starts on the rising edge of WR/RDY in the write-read mode. The high-order 4-bit flash ADC measures the input by means of 16 comparators operating simultaneously. A high-precision 4-bit DAC then generates a discrete analog voltage from the result of that conversion. After a time delay, a second bank of comparators does a low-order conversion on the analog difference between the input level and the high-order DAC output. The results from each of these conversions enter an 8-bit latch and are output to the 3-state output buffers on the falling edge of RD. |
Podobny numer części - TLC0820ACDWG4 |
|
Podobny opis - TLC0820ACDWG4 |