Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD100NH02L-1 Arkusz danych(PDF) 1 Page - STMicroelectronics

Numer części STD100NH02L-1
Szczegółowy opis  N-channel 24V - 0.0042ohm - 60A - DPAK - IPAK STripFET TM II Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD100NH02L-1 Arkusz danych(HTML) 1 Page - STMicroelectronics

  STD100NH02L-1 Datasheet HTML 1Page - STMicroelectronics STD100NH02L-1 Datasheet HTML 2Page - STMicroelectronics STD100NH02L-1 Datasheet HTML 3Page - STMicroelectronics STD100NH02L-1 Datasheet HTML 4Page - STMicroelectronics STD100NH02L-1 Datasheet HTML 5Page - STMicroelectronics STD100NH02L-1 Datasheet HTML 6Page - STMicroelectronics STD100NH02L-1 Datasheet HTML 7Page - STMicroelectronics STD100NH02L-1 Datasheet HTML 8Page - STMicroelectronics STD100NH02L-1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
December 2006
Rev 11
1/16
16
STD100NH02L
STD100NH02L-1
N-channel 24V - 0.0042
Ω - 60A - DPAK - IPAK
STripFET™ II Power MOSFET
General features
RDS(on) * Qg industry’s benchmark
Conduction losses reduced
Switching losses reduced
Low threshold device
Description
This device utilizes the latest advanced design
rules of ST’s proprietary STripFET™ technology.
This is suitable fot the most demanding DC-DC
converter application where high efficiency is to
be achieved.
Applications
Switching application
Internal schematic diagram
Type
VDSSS
RDS(on)
ID
STD100NH02L
STD100NH02L-1
24V
24V
<0.0048
<0.0048
60A(1)
60A(1)
1.
Value limited by wire bonding
1
3
DPAK
3
2
1
IPAK
www.st.com
Order codes
Part number
Marking
Package
Packaging
STD100NH02LT4
D100NH02L
DPAK
Tape & reel
STD100NH02L-1
D100NH02L
IPAK
Tube


Podobny numer części - STD100NH02L-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD100NH02L-1 STMICROELECTRONICS-STD100NH02L-1 Datasheet
474Kb / 12P
   N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
logo
VBsemi Electronics Co.,...
STD100NH02L-1 VBSEMI-STD100NH02L-1 Datasheet
997Kb / 7P
   N-Channel 30-V (D-S) MOSFET
More results

Podobny opis - STD100NH02L-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
STD100NH02L STMICROELECTRONICS-STD100NH02L Datasheet
474Kb / 12P
   N-channel 24V - 0.0042 - 60A - DPAK - IPAK STripFET II Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD70NH02L STMICROELECTRONICS-STD70NH02L Datasheet
490Kb / 16P
   N-CHANNEL 24V - 0.0062 Ohm - 60A IPAK/DPAK STripFET II Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD38NH02L STMICROELECTRONICS-STD38NH02L_06 Datasheet
496Kb / 16P
   N-channel 24V - 0.011ohm - 38A - DPAK/IPAK STripFET TM III Power MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L Datasheet
510Kb / 12P
   N-CHANNEL 24V - 0.0052 ohm - 60A DPAK/IPAK STripFET??III POWER MOSFET
STD50NH02L STMICROELECTRONICS-STD50NH02L_06 Datasheet
500Kb / 16P
   N-channel 24V - 0.0085ohm - 50A - DPAK/IPAK STripFET TM III Power MOSFET
STD30NF03L STMICROELECTRONICS-STD30NF03L_07 Datasheet
330Kb / 14P
   N-channel 30V - 0.020ohm - 30A - DPAK/IPAK STripFET TM II Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com