Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD100NH03LT4 Arkusz danych(PDF) 3 Page - STMicroelectronics

Numer części STD100NH03LT4
Szczegółowy opis  N-channel 30V - 0.005ohm - 60A - DPAK STripFET TM III Power MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD100NH03LT4 Arkusz danych(HTML) 3 Page - STMicroelectronics

  STD100NH03LT4 Datasheet HTML 1Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 2Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 3Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 4Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 5Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 6Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 7Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 8Page - STMicroelectronics STD100NH03LT4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
STD100NH03L
Electrical ratings
3/15
1
Electrical ratings
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDS
Drain-source voltage (VGS = 0)
30
V
VDGR
Drain-gate voltage (RGS = 20KΩ)30
V
VGS
Gate-source voltage
± 20
V
ID
(1)
1.
Value limited by wire bonding.
Drain current (continuous) at TC = 25°C
60
A
ID
(1)
Drain current (continuous) at TC=100°C
60
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
240
A
PTOT
Total dissipation at TC = 25°C
100
W
Derating factor
0.66
W/°C
EAS
(3)
3.
Starting TJ = 25
oC, I
D = 30A, VDD = 15V
Single pulse avalanche energy
700
mJ
Tstg
Storage temperature
-55 to 175
°C
TJ
Max. operating junction temperature
Table 2.
Thermal data
Symbol
Parameter
Value
Unit
RthJC
Thermal resistance junction-case Max
1.5
°C/W
RthJA
Thermal resistance junction-ambient Max
100
°C/W
RthJ-PCB Thermal resistance junction-PCB
Max
43
°C/W
Tl
Maximum lead temperature for soldering
purpose
275
°C


Podobny numer części - STD100NH03LT4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD100NH03LT4 STMICROELECTRONICS-STD100NH03LT4 Datasheet
513Kb / 8P
   N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET??III POWER MOSFET
More results

Podobny opis - STD100NH03LT4

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
STD60NH03L STMICROELECTRONICS-STD60NH03L_06 Datasheet
503Kb / 16P
   N-channel 30V - 0.0075ohm - 60A - DPAK/IPAK STripFET TM III Power MOSFET
STD100NH03L STMICROELECTRONICS-STD100NH03L Datasheet
513Kb / 8P
   N-CHANNEL 30V - 0.005 W - 60A DPAK STripFET??III POWER MOSFET
STB80NE03L-06 STMICROELECTRONICS-STB80NE03L-06_06 Datasheet
405Kb / 13P
   N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET
STD70N02L STMICROELECTRONICS-STD70N02L Datasheet
817Kb / 17P
   N-channel 24V - 0.0068ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD90N02L STMICROELECTRONICS-STD90N02L Datasheet
805Kb / 17P
   N-channel 24V - 0.0052ohm - 60A - DPAK - IPAK STripFET TM III Power MOSFET
STD60NH03L STMICROELECTRONICS-STD60NH03L Datasheet
534Kb / 12P
   N-CHANNEL 30V - 0.0075 W - 60A DPAK/IPAK STripFET III POWER MOSFET
STD70N03L STMICROELECTRONICS-STD70N03L Datasheet
337Kb / 16P
   N-channel 30V - 0.0059ohm - 70A - DPAK / IPAK STripFET TM III Power MOSFET
STD50N03L STMICROELECTRONICS-STD50N03L Datasheet
337Kb / 16P
   N-CHANNEL 30V - 9.2mohm - 40A - DPAK/IPAK STripFET TM III Power MOSFET
STD60NF3LL STMICROELECTRONICS-STD60NF3LL Datasheet
452Kb / 9P
   N-CHANNEL 30V - 0.0075ohm - 60A DPAK STripFET??II POWER MOSFET
STD90NH02L STMICROELECTRONICS-STD90NH02L_06 Datasheet
479Kb / 16P
   N-channel 24V - 0.0052ohm - 60A - DPAK/IPAK STripFET TM Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com